Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5484 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 2N5484
Description  N-Channel RF Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5484 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  2N5484_00 Datasheet HTML 1Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 2Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 3Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 4Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 5Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 6Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 7Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 8Page - Fairchild Semiconductor 2N5484_00 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Typical Characteristics
°°°°°
Transfer Characteristics
-5
-4
-3
-2
-1
0
0
4
8
12
16
20
V - GATE-SOURCE VOLTAGE(V)
GS(OFF)
V
= -4.5V
V
= 15V
DS
T = +25 C
A
O
-2.5 V
T
= -55 C
O
A
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
GS
Channel Resistance vs Temperature
-50
0
50
100
150
10
20
30
50
100
200
300
500
1000
T - AMBIENT TEMPERATURE ( C)
V
= -1.0V
GS(OFF)
-2.5 V
-5.0V
-8.0 V
V
= 100mV
DS
V
= 0 V
GS
A
Transconductance
Characteristics
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
V - GATE-SOURCE VOLTAGE(V)
V
= -4.5V
GS(OFF)
V
= 15V
DS
T = +25 C
A
O
-2.5 V
T
= -55 C
O
A
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
GS
Common Drain-Source
Characteristics
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
V
- DRAIN-SOURCE VOLTAGE(V)
V
=
0V
GS
-2.5V
DS
-0.5
V
-4.0V
-2.0
V
-1.0
V
-3.5V
-3.0V
-1.5
V
T = +25 C
A
O
TYP V
= -5.0V
GS(OFF)
Transconductance
Parameter Interactions
12
3
5
7
10
10
20
1
2
3
5
10
20
30
50
100
V - GATE-SOURCE VOLTAGE(V)
GS
gfs, I
@ V
= 15 V, V
= 0 PULSE
GS
DS
DSS
r
@ V = 100mV, V
= 0
GS
DS
DS
V
@ V
= 15V, I = 1nA
GS(OFF)
GS
D
-
-
-
-
-
-
Output Conductance vs
Drain Current
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
0.1
0.5
1
5
10
20
I -- DRAIN CURRENT (mA)
D
15
10
T = +25 C
A
O
f = 1.0 kHz
15
10
5
20
15V
10V
5.0V
20V
20
V
= 5v
DG
V
= -5.5V
GS(OFF)
V
= -3.5V
GS(OFF)
V
= -1.5V
GS(OFF)
N-Channel RF Amplifier
(continued)


Similar Part No. - 2N5484_00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
logo
Fairchild Semiconductor
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5484_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com