Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6075BG Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6075BG
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6075BG Datasheet(HTML) 2 Page - ON Semiconductor

  2N6075BG Datasheet HTML 1Page - ON Semiconductor 2N6075BG Datasheet HTML 2Page - ON Semiconductor 2N6075BG Datasheet HTML 3Page - ON Semiconductor 2N6075BG Datasheet HTML 4Page - ON Semiconductor 2N6075BG Datasheet HTML 5Page - ON Semiconductor 2N6075BG Datasheet HTML 6Page - ON Semiconductor 2N6075BG Datasheet HTML 7Page - ON Semiconductor 2N6075BG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6071A/B Series
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
*Peak Repetitive Off-State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave, 50 to 60 Hz, Gate Open)
2N6071A,B
2N6073A,B
2N6075A,B
VDRM,
VRRM
200
400
600
V
*On-State RMS Current (TC = 85°C) Full Cycle Sine Wave 50 to 60 Hz
IT(RMS)
4.0
A
*Peak Non−repetitive Surge Current (One Full cycle, 60 Hz, TJ = +110°C)
ITSM
30
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
3.7
A2s
*Peak Gate Power (Pulse Width
≤ 1.0 ms, TC = 85°C)
PGM
10
W
*Average Gate Power (t = 8.3 ms, TC = 85°C)
PG(AV)
0.5
W
*Peak Gate Voltage (Pulse Width
≤ 1.0 ms, TC = 85°C)
VGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to +110
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Mounting Torque (6-32 Screw) (Note 2)
8.0
in. lb.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such
that the voltage ratings of the devices are exceeded.
2. Torque rating applies with use of a compression washer. Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal
resistance. Main terminal 2 and heatsink contact pad are common.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case
RqJC
3.5
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
75
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
*Indicates JEDEC Registered Data.


Similar Part No. - 2N6075BG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6075B MOTOROLA-2N6075B Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
2N6075B ONSEMI-2N6075B Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6075B CENTRAL-2N6075B Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
Digitron Semiconductors
2N6075B DIGITRON-2N6075B Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
More results

Similar Description - 2N6075BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com