Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6075BG Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6075BG
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6075BG Datasheet(HTML) 1 Page - ON Semiconductor

  2N6075BG Datasheet HTML 1Page - ON Semiconductor 2N6075BG Datasheet HTML 2Page - ON Semiconductor 2N6075BG Datasheet HTML 3Page - ON Semiconductor 2N6075BG Datasheet HTML 4Page - ON Semiconductor 2N6075BG Datasheet HTML 5Page - ON Semiconductor 2N6075BG Datasheet HTML 6Page - ON Semiconductor 2N6075BG Datasheet HTML 7Page - ON Semiconductor 2N6075BG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 7
1
Publication Order Number:
2N6071/D
2N6071A/B Series
Preferred Device
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave AC control applications, such as
light dimmers, motor controls, heating controls and power supplies; or
wherever full-wave silicon gate controlled solid-state devices are
needed. Triac type thyristors switch from a blocking to a conducting
state for either polarity of applied anode voltage with positive or
negative gate triggering.
Features
Sensitive Gate Triggering Uniquely Compatible for Direct Coupling
to TTL, HTL, CMOS and Operational Amplifier Integrated Circuit
Logic Functions
Gate Triggering: 4 Mode − 2N6071A, B; 2N6073A, B; 2N6075A, B
Blocking Voltages to 600 V
All Diffused and Glass Passivated Junctions for Greater Parameter
Uniformity and Stability
Small, Rugged, Thermopad Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Device Marking: Device Type, e.g., 2N6071A, Date Code
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MT1
G
MT2
http://onsemi.com
TRIACS
4.0 A RMS, 200 − 600 V
TO−225
CASE 077
STYLE 5
1
2
3
REAR VIEW
SHOW TAB
x
= 1, 3, 5
y
= A, B
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
YWW
2N
607xyG
1. Cathode
2. Anode
3. Gate
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - 2N6075BG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6075B MOTOROLA-2N6075B Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
2N6075B ONSEMI-2N6075B Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6075B CENTRAL-2N6075B Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
Digitron Semiconductors
2N6075B DIGITRON-2N6075B Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
More results

Similar Description - 2N6075BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com