Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6027RL1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6027RL1G
Description  Programmable Unijunction Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6027RL1G Datasheet(HTML) 4 Page - ON Semiconductor

  2N6027RL1G Datasheet HTML 1Page - ON Semiconductor 2N6027RL1G Datasheet HTML 2Page - ON Semiconductor 2N6027RL1G Datasheet HTML 3Page - ON Semiconductor 2N6027RL1G Datasheet HTML 4Page - ON Semiconductor 2N6027RL1G Datasheet HTML 5Page - ON Semiconductor 2N6027RL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6027, 2N6028
http://onsemi.com
4
VS, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
100
10
1000
10
515
20
500
5
10
0
−50
+50
+100
100
RG = 10 kW
100 k
W
1 M
W
−25
+25
+75
RG = 10 kW
100 k
W
1 M
W
TYPICAL VALLEY CURRENT BEHAVIOR
IF, PEAK FORWARD CURRENT (AMP)
VS, SUPPLY VOLTAGE (V)
0.1
0.05
0.02
0.01
0.2
0.5
1.0
0.02
0.01
0.05
0.1
10
20
5.0
0
15
10
020
30
25
TA = 25°C
5.0
15
25
CC = 0.2 mF
1000 pF
TA = 25°C
(SEE FIGURE 3)
2.0
5.0
10
0.2
2.0
0.5
1.0
5.0
35
40
A
K
G
K
A
G
E
P
N
N
P
Circuit Symbol
B2
B1
R1
R2
R1
R1 + R2
RBB = R1 + R2
h =
Equivalent Circuit
with External Program"
Resistors R1 and R2
Typical Application
CC
RT
K
A
G
R2
R1
+
Figure 4. Effect of Supply Voltage
Figure 5. Effect of Temperature
Figure 6. Forward Voltage
Figure 7. Peak Output Voltage
Figure 8. Programmable Unijunction


Similar Part No. - 2N6027RL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6027RL1G ONSEMI-2N6027RL1G Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
More results

Similar Description - 2N6027RL1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
   Programmable Unijunction Transistor
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
   Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6117 NJSEMI-2N6117 Datasheet
89Kb / 1P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
BRY39 NJSEMI-BRY39 Datasheet
145Kb / 4P
   Programmable unijunction transistor
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
ON Semiconductor
2N6027 ONSEMI-2N6027 Datasheet
148Kb / 8P
   Programmable Unijunction Transistor
May, 2000 ??Rev. 2
logo
Unisonic Technologies
2N6027 UTC-2N6027 Datasheet
141Kb / 3P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
2N6027 ETC-2N6027 Datasheet
177Kb / 6P
   PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY56A PHILIPS-BRY56A Datasheet
56Kb / 8P
   Programmable unijunction transistor
1999 May 31
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com