Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6287 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6287
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6287 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6287 Datasheet HTML 1Page - ON Semiconductor 2N6287 Datasheet HTML 2Page - ON Semiconductor 2N6287 Datasheet HTML 3Page - ON Semiconductor 2N6287 Datasheet HTML 4Page - ON Semiconductor 2N6287 Datasheet HTML 5Page - ON Semiconductor 2N6287 Datasheet HTML 6Page - ON Semiconductor 2N6287 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N6283 2N6284 2N6286 2N6287
http://onsemi.com
4
ACTIVE−REGION SAFE OPERATING AREA
50
Figure 5. 2N6284, 2N6287
20
2.0
0.05
50
100
0.2
5.0
0.5
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
1.0
0.1
2.0
5.0
20
10
0.1 ms
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
TJ = 200°C
dc
5.0 ms
1.0 ms
0.5 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e. the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk) <
200
_C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
10,000
1.0
Figure 6. Small−Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0 10
20
50 100
200
1000
500
100
5000
20
200
500
2000
1000
50
TJ = 25°C
VCE = 3.0 Vdc
IC = 10 A
1000
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
2.0
5.0
20
100
10
500
300
200
Cib
Cob
50
0.2
0.5
2N6284 (NPN)
2N6287 (PNP)
TJ = 25°C
700
2N6284 (NPN)
2N6287 (PNP)


Similar Part No. - 2N6287

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6287 MOSPEC-2N6287 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6287 ONSEMI-2N6287 Datasheet
141Kb / 7P
   Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 4
2N6287 ONSEMI-2N6287 Datasheet
214Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Inchange Semiconductor ...
2N6287 ISC-2N6287 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
STMicroelectronics
2N6287 STMICROELECTRONICS-2N6287 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - 2N6287

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com