Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6058 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6058
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6058 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6058 Datasheet HTML 1Page - ON Semiconductor 2N6058 Datasheet HTML 2Page - ON Semiconductor 2N6058 Datasheet HTML 3Page - ON Semiconductor 2N6058 Datasheet HTML 4Page - ON Semiconductor 2N6058 Datasheet HTML 5Page - ON Semiconductor 2N6058 Datasheet HTML 6Page - ON Semiconductor 2N6058 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N6052
http://onsemi.com
2
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (2)
(IC = 100 mAdc, IB = 0)
2N6058
2N6052, 2N6059
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
2N6058
(VCE = 50 Vdc, IB = 0)
2N6052, 2N6059
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCEO, VBE(off) = 1.5 Vdc)
(VCE = Rated VCEO, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
0.5
5.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (2)
DC Current Gain
(IC = 6.0 Adc, VCE = 3.0 Vdc)
(IC = 12 Adc, VCE = 3.0 Vdc)
hFE
750
100
18,000
Collector−Emitter Saturation Voltage
(IC = 6.0 Adc, IB = 24 mAdc)
(IC = 12 Adc, IB = 120 mAdc)
VCE(sat)
2.0
3.0
Vdc
Base−Emitter Saturation Voltage
(IC = 12 Adc, IB = 120 mAdc)
VBE(sat)
4.0
Vdc
Base−Emitter On Voltage
(IC = 6.0 Adc, VCE = 3.0 Vdc)
VBE(on)
2.8
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small−Signal Short Circuit Forward
Current Transfer Ratio
(IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
|hfe|
4.0
MHz
Output Capacitance
2N6052
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N6058/2N6059
Cob
500
300
pF
Small−Signal Current Gain
(IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
300
*Indicates JEDEC Registered Data.
(2) Pulse test: Pulse Width = 300 μs, Duty Cycle = 2.0%.
Figure 2. Switching Times Test Circuit
10
0.2
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
5.0
0.1
0.5
1.0
3.0
20
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
1.0
2.0
2N6052
2N6059
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+8.0 V
V1
approx
−8.0 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
μs
0
RB
51
D1
+4.0 V
VCC
−30 V
RC
TUT
≈ 5.0 k
≈ 50
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
0.5
0.2
5.0
10
For NPN test circuit reverse diode and voltage polarities.


Similar Part No. - 2N6058

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6058 MOSPEC-2N6058 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
logo
Comset Semiconductor
2N6058 COMSET-2N6058 Datasheet
80Kb / 3P
   POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6058 ONSEMI-2N6058 Datasheet
190Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Savantic, Inc.
2N6058 SAVANTIC-2N6058 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6058 BOCA-2N6058 Datasheet
195Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
More results

Similar Description - 2N6058

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com