Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5885G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5885G
Description  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5885G Datasheet(HTML) 1 Page - ON Semiconductor

  2N5885G Datasheet HTML 1Page - ON Semiconductor 2N5885G Datasheet HTML 2Page - ON Semiconductor 2N5885G Datasheet HTML 3Page - ON Semiconductor 2N5885G Datasheet HTML 4Page - ON Semiconductor 2N5885G Datasheet HTML 5Page - ON Semiconductor 2N5885G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 11
1
Publication Order Number:
2N5883/D
2N5883, 2N5884 (PNP)
2N5885, 2N5886 (NPN)
2N5884 and 2N5886 are Preferred Devices
Complementary Silicon
High−Power Transistors
Complementary silicon high−power transistors are designed for
general−purpose power amplifier and switching applications.
Features
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 1.0 Vdc, (max) at IC = 15 Adc
Low Leakage Current
ICEX = 1.0 mAdc (max) at Rated Voltage
Excellent DC Current Gain −
hFE = 20 (min) at IC = 10 Adc
High Current Gain Bandwidth Product −
ft = 4.0 MHz (min) at IC = 1.0 Adc
Pb−Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N5883, 2N5885
2N5884, 2N5886
VCEO
60
80
Vdc
Collector−Base Voltage
2N5883, 2N5885
2N5884, 2N5886
VCB
60
80
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current −
Continuous
Peak
IC
25
50
Adc
Base Current
IB
7.5
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
200
1.15
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
0.875
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC registered data. Units and conditions differ on some
parameters and re−registration reflecting these changes has been requested.
All above values most or exceed present JEDEC registered data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
25 AMPERE COMPLEMENTARY
SILICON POWER TRANSISTORS
60 − 80 VOLTS, 200 WATTS
MARKING DIAGRAM
TO−204AA (TO−3)
CASE 1−07
STYLE 1
2N588x
= Device Code
x = 3, 4, 5, or 6
G
= Pb−Free Package
A
= Assembly Location
YY
= Year
WW
= Work Week
MEX
= Country of Origin
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
2N588xG
AYYWW
MEX


Similar Part No. - 2N5885G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5885 MOSPEC-2N5885 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
logo
Boca Semiconductor Corp...
2N5885 BOCA-2N5885 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5885 ETC-2N5885 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N5885 SAVANTIC-2N5885 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5885 JMNIC-2N5885 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5885G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com