Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N6027G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 2N6027G
Description  Programmable Unijunction Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev.6
1
Publication Order Number:
2N6027/D
2N6027, 2N6028
Preferred Device
Programmable
Unijunction Transistor
Programmable Unijunction
Transistor Triggers
Designed to enable the engineer to “program’’ unijunction
characteristics such as RBB,
h, IV, and IP by merely selecting
two resistor values. Application includes thyristor−trigger, oscillator,
pulse and timing circuits. These devices may also be used in special
thyristor applications due to the availability of an anode gate. Supplied
in an inexpensive TO−92 plastic package for high−volume
requirements, this package is readily adaptable for use in automatic
insertion equipment.
Features
Programmable − RBB, h, IV and IP
Low On−State Voltage − 1.5 V Maximum @ IF = 50 mA
Low Gate to Anode Leakage Current − 10 nA Maximum
High Peak Output Voltage − 11 V Typical
Low Offset Voltage − 0.35 V Typical (RG = 10 kW)
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PUTs
40 VOLTS, 300 mW
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
K
G
A
TO−92 (TO−226AA)
CASE 029
STYLE 16
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Cathode
Anode
http://onsemi.com
2N602x
= Device Code
x = 7 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
2N
602x
AYWW
G
G
(Note: Microdot may be in either location)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
AY-3-8910Programmable Sound Generator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MLX90215Precision Programmable Linear Hall Effect Sensor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PLUS173-10Programmable logic array 22 x 42 x 10 1 2 3 4 5 MoreNXP Semiconductors
A3985Digitally Programmable Dual Full-Bridge MOSFET Driver 1 2 3 4 5 MoreAllegro MicroSystems
EMF18XV6T5Dual Transistor Power Management NPN/PNP Dual Complimentary 1 2 3 4 5 ON Semiconductor
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
BLS2933-100Microwave power LDMOS transistor 1 2 3 4 5 MoreNXP Semiconductors
BRF610NPN LOW NOISE SILICON MICROWAVE TRANSISTOR 1 2 3 4 List of Unclassifed Manufacturers
2SC5754NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl