Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5886 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5886
Description  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5886 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5886 Datasheet HTML 1Page - ON Semiconductor 2N5886 Datasheet HTML 2Page - ON Semiconductor 2N5886 Datasheet HTML 3Page - ON Semiconductor 2N5886 Datasheet HTML 4Page - ON Semiconductor 2N5886 Datasheet HTML 5Page - ON Semiconductor 2N5886 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5883, 2N5884 (PNP) 2N5885, 2N5886 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (Note 2) (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 3)
2N5883, 2N5885
(IC = 200 mAdc, IB = 0)
2N5884, 2N5886
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
2N5883, 2N5885
(VCE = 40 Vdc, IB = 0)
2N5984, 2N5886
ICEO
2.0
2.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc)
2N5883, 2N5885
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc)
2N5884, 2N5886
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
2N5883, 2N5885
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
2N5884, 2N5886
ICEX
1.0
1.0
10
10
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
2N5883, 2N5885
(VCB = 80 Vdc, IE = 0)
2N5884, 2N5886
ICBO
1.0
1.0
mAdc
Emitter Cutoff Current (VEB = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
(IC = 25 Adc, VCE = 4.0 Vdc)
hFE
35
20
4.0
100
Collector−Emitter Saturation Voltage (Note 3)
(IC = 15 Adc, IB = 1.5 Adc)
(IC = 25 Adc, IB = 6.25 Adc)
VCE(sat)
1.0
4.0
Vdc
Base−Emitter Saturation Voltage (Note 3)
(IC = 25 Adc, IB = 6.25 Adc)
VBE(sat)
2.5
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 10 Adc, VCE = 4.0 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 1.0 Adc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
4.0
MHz
Output Capacitance
2N5883, 2N5884
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
2N5885, 2N5886
Cob
1000
500
pF
Small−Signal Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc, ftest = 1.0 kHz)
hfe
20
SWITCHING CHARACTERISTICS
Rise Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 1.0 Adc)
tr
0.7
ms
Storage Time
ts
1.0
ms
Fall Time
tf
0.8
ms
2. Indicates JEDEC Registered Data.
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT = |hfe| • ftest.
200
0
0
25
50
75
100
125
150
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
175
100
75
50
125
150
25
175


Similar Part No. - 2N5886

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5886 MOSPEC-2N5886 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
logo
STMicroelectronics
2N5886 STMICROELECTRONICS-2N5886 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
2N5886 STMICROELECTRONICS-2N5886 Datasheet
41Kb / 4P
   HIGH CURRENT SILICON NPN POWER TRANSISTOR
January 2000
logo
Boca Semiconductor Corp...
2N5886 BOCA-2N5886 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5886 ETC-2N5886 Datasheet
347Kb / 8P
   Power Transistors
More results

Similar Description - 2N5886

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com