Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7808UBG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7808UBG4
Description  12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7808UBG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7808UBG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ADS7808
3
SBAS018A
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 4, unless otherwise specified.
ADS7808U
ADS7808UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Serial 12 bits
Binary Two's Complement or Straight Binary
Conversion results only available after completed conversion.
Selectable for internal or external data clock
SAMPLING DYNAMICS
Aperture Delay
40
ns
Aperture Jitter
Sufficient to meet AC specs
ns
Transient Response
FS Step
2
µs
Overvoltage Recovery(7)
150
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
✻✻
V
Internal Reference Source Current
1
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
✻✻
V
for Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
✻✻
V
VIH(8)
+2.0
VD +0.3V
✻✻
V
IIL
VIL = 0V
±10
µA
IIH
VIH = 5V
±10
µA
DIGITAL OUTPUTS
Data Format
Data Coding
Pipeline Delay
Data Clock
Internal
EXT/INT LOW
2.3
MHz
(Output Only When
Transmitting Data)
External
EXT/INT HIGH
0.1
10
✻✻
MHz
(Can Run Continually)
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 500µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
15
pF
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
✻✻
V
VANA
+4.75
+5
+5.25
✻✻
V
IDIG
0.3
mA
IANA
16
mA
Power Dissipation: PWRD LOW
VDIG = VANA = 5V, fS = 100kHz
100
mW
PWRD HIGH
50
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Derated Performance
–55
+125
✻✻
°C
Storage
–65
+150
✻✻
°C
Thermal Resistance (
θ
JA)
SO
75
°CW
✻ Specifications same as ADS7808U.
NOTES: (1) LSB means Least Significant Bit. For the
±10V input range, one LSB is 4.88mV. (2) Typical rms noise at worst case transitions and temperatures.
(3) As measured with fixed resistors in Figure 4. Adjustable to zero with external potentiometer. (4) For bipolar input ranges, full scale error is the worst case of
–Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and
includes the effect of offset error. For unipolar input ranges, full scale error is the deviation of the last code transition divided by the transition voltage. It also includes
the effect of offset error. (5) All specifications in dB are referred to a full-scale
±10V input. (6) Full-Power Bandwidth defined as Full-Scale input frequency at which
Signal-to (Noise + Distortion) degrades to 60dB. (7) Recovers to specified performance after 2 x FS input overvoltage. (8) The minimum VIH level for the DATACLK
signal is 3V.


Similar Part No. - ADS7808UBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808UB BURR-BROWN-ADS7808UB Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7808UBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com