Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5486G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5486G
Description  JFET VHF/UHF Amplifiers N?묬hannel - Depletion
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5486G Datasheet(HTML) 1 Page - ON Semiconductor

  2N5486G Datasheet HTML 1Page - ON Semiconductor 2N5486G Datasheet HTML 2Page - ON Semiconductor 2N5486G Datasheet HTML 3Page - ON Semiconductor 2N5486G Datasheet HTML 4Page - ON Semiconductor 2N5486G Datasheet HTML 5Page - ON Semiconductor 2N5486G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 2
1
Publication Order Number:
2N5486/D
2N5486
JFET VHF/UHF Amplifiers
N−Channel — Depletion
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain −Gate Voltage
VDG
25
Vdc
Reverse Gate −Source Voltage
VGSR
25
Vdc
Drain Current
ID
30
mAdc
Forward Gate Current
IG(f)
10
mAdc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING DIAGRAM
TO−92 (TO−226AA)
CASE 29−11
STYLE 5
Device
Package
Shipping
2N5486
TO−92
1000 Units / Bulk
2N5486G
TO−92
(Pb−Free)
1000 Units / Bulk
ORDERING INFORMATION
1 DRAIN
2 SOURCE
3
GATE
2N5486 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
2N
5486
AYWW
G
G


Similar Part No. - 2N5486G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
82Kb / 1P
   N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5486G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com