Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADS8472 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8472
Description  16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 2 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS8472
SLAS514 – DECEMBER 2006
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
INTEGRAL
NO MISSING CODES
PACKAGE
PACKAGE
TEMPER-ATURE
ORDERING
TRANS-PORT
MODEL
DIFFERENTIAL
LINEARITY
RESOLUTION (BIT)
TYPE
DESIGNATOR
RANGE
INFORMATION
MEDIA QTY.
LINEARITY (LSB)
(LSB)
Tape and reel
ADS8472IRGZT
250
7x7 48 Pin
ADS8472I
±1
±0.75
16
RGZ
–40
°C to 85°C
QFN
Tape and reel
ADS8472IRGZR
1000
Tape and reel
ADS8472IBRGZT
250
7x7 48 Pin
ADS8472IB
±0.65
±0.5
16
RGZ
–40
°C to 85°C
QFN
Tape and reel
ADS8472IBRGZR
1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
+IN to AGND
–0.4 to +VA + 0.1
V
–IN to AGND
–0.4 to +VA + 0.1
V
Voltage
+VA to AGND
–0.3 to 7
V
+VBD to BDGND
–0.3 to 7
V
+VA to +VBD
–0.3 to 2.55
V
Digital input voltage to BDGND
–0.3 to +VBD + 0.3
V
Digital output voltage to BDGND
–0.3 to +VBD + 0.3
V
TA
Operating free-air temperature range
–40 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
Junction temperature (TJ max)
150
°C
Power dissipation
(TJMax – TA)/θJA
QFN package
θ
JA thermal impedance
22
°C/W
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
MCP342118-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference 1 2 3 4 5 MoreMicrochip Technology
TPA6205A1_071.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS 1 2 3 4 5 MoreTexas Instruments
MC144428-BIT A/D CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreMotorola, Inc
LTC241124-Bit No Latency ADC with Differential Input and Reference in MSOP 1 2 3 4 5 MoreLinear Technology
ADC60312-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
LTC248616-Bit 2-/4-Channel ΔΣ ADC with PGA and Easy Drive Input Current Cancellation 1 2 3 4 5 MoreLinear Technology
LTC249516-Bit 8-/16-Channel ΔΣ ADC with PGA Easy Drive and I2C Interface 1 2 3 4 5 MoreLinear Technology
ADS82310-Bit 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl