Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5460 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5460
Description  JFET Amplifier P?묬hannel ??Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5460 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5460 Datasheet HTML 1Page - ON Semiconductor 2N5460 Datasheet HTML 2Page - ON Semiconductor 2N5460 Datasheet HTML 3Page - ON Semiconductor 2N5460 Datasheet HTML 4Page - ON Semiconductor 2N5460 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N5460, 2N5461, 2N5462
http://onsemi.com
3
DRAIN CURRENT versus GATE
SOURCE VOLTAGE
FORWARD TRANSFER ADMITTANCE
versus DRAIN CURRENT
4.0
4000
0
0.2
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 1. VGS(off) = 2.0 V
1.0
ID, DRAIN CURRENT (mA)
3.5
10
10000
0
1.0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 2. VGS(off) = 4.0 V
ID, DRAIN CURRENT (mA)
16
10000
0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 3. VGS(off) = 5.0 V
ID, DRAIN CURRENT (mA)
Figure 4. VGS(off) = 2.0 V
Figure 5. VGS(off) = 4.0 V
Figure 6. VGS(off) = 5.0 V
3.0
2.5
2.0
1.5
1.0
0.5
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDS = 15 V
200
300
500
700
1000
2000
3000
0.2
0.3
0.5
0.7
2.0
3.0
4.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
500
700
1000
2000
3000
5000
7000
0.5
0.7
1.0
2.0
3.0
5.0
7.0
14
12
10
8.0
6.0
4.0
2.0
0
1.0
2.0
3.0
8.0
4.0
5.0
6.0
7.0
500
700
1000
2000
3000
5000
7000
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
TA = −55°C
25°C
125°C
VDS = 15 V
f = 1.0 kHz
VDS = 15 V
TA = −55°C
25°C
125°C
VDS = 15 V
TA = −55°C
25°C
125°C
VDS = 15 V
f = 1.0 kHz
VDS = 15 V
f = 1.0 kHz


Similar Part No. - 2N5460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5460 MOTOROLA-2N5460 Datasheet
116Kb / 4P
   CASE 2904, STYLE 7 TO92 (TO226AA)
logo
Fairchild Semiconductor
2N5460 FAIRCHILD-2N5460 Datasheet
115Kb / 5P
   P-Channel General Purpose Amplifier
logo
Vishay Siliconix
2N5460 VISHAY-2N5460 Datasheet
50Kb / 5P
   P-Channel JFETs
Rev. D, 04-Jun-01
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
Central Semiconductor C...
2N5460 CENTRAL-2N5460 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
More results

Similar Description - 2N5460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
MMBFJ175LT1 ONSEMI-MMBFJ175LT1_06 Datasheet
42Kb / 2P
   JFET Chopper P-Channel - Depletion
February, 2006 ??Rev. 3
MMBFJ177LT1 ONSEMI-MMBFJ177LT1_05 Datasheet
45Kb / 3P
   JFET Chopper P-Channel - Depletion
November, 2005 ??Rev. 3
MMBFJ175LT1G ONSEMI-MMBFJ175LT1G_09 Datasheet
111Kb / 2P
   JFET Chopper P - Channel - Depletion
August, 2009 ??Rev. 5
2N5555 ONSEMI-2N5555_01 Datasheet
175Kb / 8P
   JFET Switching N-Channel - Depletion
November, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com