Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5457 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5457
Description  JFETs ??General Purpose N?묬hannel ??Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5457 Datasheet(HTML) 1 Page - ON Semiconductor

  2N5457 Datasheet HTML 1Page - ON Semiconductor 2N5457 Datasheet HTML 2Page - ON Semiconductor 2N5457 Datasheet HTML 3Page - ON Semiconductor 2N5457 Datasheet HTML 4Page - ON Semiconductor 2N5457 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 5
1
Publication Order Number:
2N5457/D
2N5457, 2N5458
Preferred Device
JFETs − General Purpose
N−Channel − Depletion
N−Channel Junction Field Effect Transistors, depletion mode
(Type A) designed for audio and switching applications.
Features
N−Channel for Higher Gain
Drain and Source Interchangeable
High AC Input Impedance
High DC Input Resistance
Low Transfer and Input Capacitance
Low Cross−Modulation and Intermodulation Distortion
Unibloc Plastic Encapsulated Package
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain −Source Voltage
VDS
25
Vdc
Drain − Gate Voltage
VDG
25
Vdc
Reverse Gate − Source Voltage
VGSR
−25
Vdc
Gate Current
IG
10
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
310
2.82
mW
mW/
°C
Operating Junction Temperature
TJ
135
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
2N5457
TO−92
1000 Units/Box
Preferred devices are recommended choices for future use
and best overall value.
2N5458
TO−92
1000 Units/Box
http://onsemi.com
1 DRAIN
2 SOURCE
3
GATE
2N5458G
TO−92
(Pb−Free)
1000 Units/Box
2N5457G
TO−92
(Pb−Free)
1000 Units/Box
MARKING
DIAGRAM
TO−92
CASE 29
STYLE 5
1 2
3
2N
545x
AYWW
G
G
2N545x = Device Code
x = 7 or 8
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - 2N5457

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
logo
Motorola, Inc
2N5457 MOTOROLA-2N5457 Datasheet
59Kb / 3P
   N - Channel - Depletion
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
   N-Channel JFET General Purpose Amplifier/Switch
logo
List of Unclassifed Man...
2N5457 ETC1-2N5457 Datasheet
39Kb / 1P
   N-Channel JFETs
logo
Central Semiconductor C...
2N5457 CENTRAL-2N5457 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
More results

Similar Description - 2N5457

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J110 ONSEMI-J110 Datasheet
52Kb / 4P
   JFET ??General Purpose N?묬hannel ??Depletion
November, 2005 ??Rev. 6
logo
New Jersey Semi-Conduct...
2N5045 NJSEMI-2N5045 Datasheet
69Kb / 1P
   GENERAL PURPOSE DUAL JFETS
logo
ON Semiconductor
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
logo
InterFET Corporation
2N3370 INTERFET-2N3370 Datasheet
92Kb / 1P
   N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
ON Semiconductor
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
Shenzhen Winsemi Microe...
WFY03DN50 WINSEMI-WFY03DN50 Datasheet
308Kb / 5P
   500V N?묬hannel Depletion-Mode DMOSFET
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com