Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1EVM Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA6211A1EVM
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1EVM Datasheet(HTML) 3 Page - Texas Instruments

  TPA6211A1EVM Datasheet HTML 1Page - Texas Instruments TPA6211A1EVM Datasheet HTML 2Page - Texas Instruments TPA6211A1EVM Datasheet HTML 3Page - Texas Instruments TPA6211A1EVM Datasheet HTML 4Page - Texas Instruments TPA6211A1EVM Datasheet HTML 5Page - Texas Instruments TPA6211A1EVM Datasheet HTML 6Page - Texas Instruments TPA6211A1EVM Datasheet HTML 7Page - Texas Instruments TPA6211A1EVM Datasheet HTML 8Page - Texas Instruments TPA6211A1EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
RECOMMENDED OPERATION CONDITIONS
ELECTRICAL CHARACTERISTICS
38 kW
R
I
40 kW
R
I
42 kW
R
I
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
MIN
TYP
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.55
V
VIL
Low-level input voltage
SHUTDOWN
0.5
V
TA
Operating free-air temperature
-40
85
°C
T
A = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
VOS
VI = 0 V differential, Gain = 1 V/V, VDD = 5.5 V
-9
0.3
9
mV
differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
-85
-60
dB
VIC
Common mode input range
VDD = 2.5 V to 5.5 V
0.5
VDD-0.8
V
VDD = 5.5 V,
VIC = 0.5 V to 4.7 V
-63
-40
CMRR
Common mode rejection ratio
dB
VDD = 2.5 V,
VIC = 0.5 V to 1.7 V
-63
-40
VDD = 5.5 V
0.45
RL = 4 Ω,
Gain = 1 V/V,
Low-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
0.37
V
VIN+ = 0 V,
VIN- = VDD
VDD = 2.5 V
0.26
0.4
VDD = 5.5 V
4.95
RL = 4 Ω,
Gain = 1 V/V,
High-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
3.18
V
VIN- = VDD
VIN+ = 0 V
VDD = 2.5 V
2
2.13
| IIH |
High-level input current, shutdown
VDD = 5.5 V,
VI = 5.8 V
58
100
µA
| IIL |
Low-level input current, shutdown
VDD = 5.5 V,
VI = -0.3 V
3
100
µA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
4
5
mA
V(SHUTDOWN)
≤ 0.5 V, V
DD = 2.5 V to 5.5 V,
I(SD)
Supply current
0.01
1
µA
RL = 4Ω
Gain
RL = 4Ω
V/V
Resistance from shutdown to GND
100
k
3


Similar Part No. - TPA6211A1EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6211A1EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com