Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6204A1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA6204A1
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6204A1_07 Datasheet HTML 1Page - Texas Instruments TPA6204A1_07 Datasheet HTML 2Page - Texas Instruments TPA6204A1_07 Datasheet HTML 3Page - Texas Instruments TPA6204A1_07 Datasheet HTML 4Page - Texas Instruments TPA6204A1_07 Datasheet HTML 5Page - Texas Instruments TPA6204A1_07 Datasheet HTML 6Page - Texas Instruments TPA6204A1_07 Datasheet HTML 7Page - Texas Instruments TPA6204A1_07 Datasheet HTML 8Page - Texas Instruments TPA6204A1_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
4
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
PO
Output power
vs Supply voltage
1
PO
Output power
vs Load resistance
2
PD
Power dissipation
vs Output power
3
vs Output power
4
THD+N
Total harmonic distortion + noise
vs Frequency
5
THD+N
Total harmonic distortion + noise
vs Common-mode input voltage
6
KSVR
Supply voltage rejection ratio
vs Frequency
7
GSM Power supply rejection
vs Time
8
GSM Power supply rejection
vs Frequency
9
Closed loop gain/phase
vs Frequency
10
Open loop gain/phase
vs Frequency
11
IDD
Supply current
vs Supply voltage
12
IDD
Supply current
vs Shutdown voltage
13
Start-up time
vs Bypass capacitor
14
Figure 1
0
0.5
1
1.5
2
2.5
3
3.5
2.5
3
3.5
4
4.5
5
VDD − Supply Voltage − V
OUTPUT POWER
vs
SUPPLY VOLTAGE
f = 1 kHz
Gain = 1 V/V
PO = 8 Ω, THD 1%
PO = 8 Ω, THD 10%
Figure 2
RL − Load Resistance − Ω
OUTPUT POWER
vs
LOAD RESISTANCE
0
0.5
1
1.5
2
2.5
3
3.5
813
18
23
28
VDD = 5 V, THD 1%
VDD = 2.5 V, THD 10%
VDD = 2.5 V, THD 1%
VDD = 5 V, THD 10%
VDD = 3.6 V, THD 10%
VDD = 3.6 V, THD 1%
f = 1 kHz
Gain = 1 V/V


Similar Part No. - TPA6204A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI1-TPA6204A1DRB Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBR TI1-TPA6204A1DRBR Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6204A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com