Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6100A2DGKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6100A2DGKR
Description  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6100A2DGKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6100A2DGKR Datasheet HTML 3Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 4Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 5Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 6Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 7Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 8Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 9Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 10Page - Texas Instruments TPA6100A2DGKR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
1
C
B
55 k
v
1
C
I RI
1
R
LCC
(8)
USING LOW-ESR CAPACITORS
3.3-V VERSUS 1.6-V OPERATION
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
Low-ESR capacitors are recommended throughout this application. A real capacitor can be modeled simply as a
resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the beneficial effects of
the capacitor in the circuit. The lower the equivalent value of this resistance, the more the real capacitor behaves
like an ideal capacitor.
The TPA6100A2D was designed for operation over a supply range of 1.6 V to 3.6 V. There are no special
considerations for 1.6-V versus 3.3-V operation as far as supply bypassing, gain setting, or stability. The most
important consideration is that of output power. Each amplifier can produce a maxium output voltage swing within
a few hundred millivolts of the rails with a 10-k
Ω load. However, this voltage swing decreases as the load
resistance decreases and the rDS(on) as the output stage transistors becomes more significant. For example, for a
32-
Ω load, the maximum peak output voltage with V
DD = 1.6 V is approximately 0.7 V with no clipping distortion.
This reduced voltage swing effectively reduces the maximum undistorted output power.
7


Similar Part No. - TPA6100A2DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2DGKR TI1-TPA6100A2DGKR Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGKR TI1-TPA6100A2DGKR Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGKRG4 TI1-TPA6100A2DGKRG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DGKRG4 TI1-TPA6100A2DGKRG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6100A2DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com