Part Name
         Description
TPA6030A4_07

 3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL ( 30 Page)


TI
100% 
Zoom Out Zoom In
 
 2 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The
leads should be shorted together or the device placed in
conductive foam during storage or handling to prevent
electrostatic damage to the MOS gates.
CAUTION:
During normal operation, shorting the outputs together, to
ground, or to VCC may cause permanent damage to the
device.
ORDERING INFORMATION
SPECIFIED TEMPERATURE
RANGE
PACKAGE DEVICE
TSSOP (PWP)
−40°C to 85°C
TPA6030A4PWP
(1) The PWP package is available taped and reeled To order a taped
and reeled part, add the suffix R to the part number (e.g.,
TPA6030A4PWPR).
PACKAGE DISSIPATION RATINGS
PACKAGE
TA ≤ 25°C POWER
RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C POWER
RATING
TA = 85°C POWER
RATING
PWP
4.47W(1)
35.8 mW/°C
2.86 W
2.32 W
(1) The PowerPAD must be soldered to a thermal land on the printed-circuit board. Refer to the Texas Instruments
document, PowerPAD Thermally Enhanced Package Application Report (literature number SLMA002) for more
informationon the PowerPAD package. The thermal data was measured on a PCB layout based on the information in
the section entitled Texas Instruments Recommended Board for PowerPAD on page 33 of the before mentioned
document.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPA6030A4
Supply voltage, VCC, PVCC
−0.3 V to 15 V
IN2, IN1 Input voltage, VI
−0.3 V to VCC + 0.3V
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
−40°C to 85°C
Operating junction temperature range, TJ
−40°C to 150°C
Storage temperature range, Tstg
−65°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX UNIT
Supply voltage, PVCC, VCC
7
15
V
High input voltage V
SE/BTL, IN2/IN1
0.8VCC
VCC
V
High input voltage, VIH
SHUTDOWN
2
VCC
V
Low input voltage V
SE/BTL, IN2/IN1
0
0.5 VCC
V
Low input voltage, VIL
SHUTDOWN
0
0.8
V
Operating free-air temperature, TA
−40
85
°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA0252_072.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6130A2138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6017A2_072-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
TPA0233_072-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
NCP28921.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
TPA0253_071-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TS4851MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreSTMicroelectronics
NCP29901.3 Watt Audio Power Amplifier with Fast Turn On Time 1 2 3 4 5 MoreON Semiconductor
NCP48941.8 Watt Differential Audio Power Amplifier with Selectable Shutdown 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl