Part Name
         Description
TPA6017A2_07

 2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS ( 30 Page)


TI
100% 
Zoom Out Zoom In
 
 2 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
2
www.ti.com
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP†
(PWP)
–40
°C to 85°C
TPA6017A2PWP
† The PWP package is available taped and
reeled. To order a taped and reeled part, add
the suffix R to the part number (e.g.,
TPA6017A2PWPR).
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GAIN0
GAIN1
LOUT+
LIN–
PVDD
RIN+
LOUT–
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN–
VDD
PVDD
ROUT–
GND
NC
GND
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
10
Tap to voltage divider for internal midsupply bias generator
GAIN0
2
I
Bit 0 of gain select
GAIN1
3
I
Bit 1 of gain select
GND
1, 11,
13, 20
Ground
LIN–
5
Left channel negative differential input
LIN+
9
I
Left channel positive differential input
LOUT–
8
O
Left channel negative output
LOUT+
4
O
Left channel positive output
NC
12
No connection
PVDD
6, 15
I
Supply voltage terminal
ROUT–
14
O
Right channel negative output
ROUT+
18
O
Right channel positive output
RIN–
17
I
Right channel negative differential input
RIN+
7
I
Right channel positive differential input
SHUTDOWN
19
I
Places IC in shutdown mode when held low
VDD
16
I
Supply voltage terminal



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0213_072-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA0233_072-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA0252_072.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
NCP48941.8 Watt Differential Audio Power Amplifier with Selectable Shutdown 1 2 3 4 5 MoreON Semiconductor
TLV320AIC23B_06Stereo Audio CODEC 8-to 96-kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments
TPA0211_072-W MONO AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TS4956Stereo audio amplifier system with I2C bus interface 1 2 3 4 5 MoreSTMicroelectronics
TPA0253_071-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA302_07300-mW STEREO AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl