Part Name
         Description
TPA6017A2_07

 2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS ( 30 Page)


TI
100% 
Zoom Out Zoom In
 
 5 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
5
www.ti.com
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω, Gain = –2 V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%, RL = 4 Ω
f = 1 kHz,
1.9
W
THD + N
Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 15 kHz
0.75%
BOM
Maximum output power bandwidth
THD = 5%
>15
kHz
Supply ripple rejection ratio
f = 1 kHz, CB = 0.47 µF
–68
dB
SNR
Signal-to-noise ratio
105
dB
V
Noise output voltage
C0 47 F f
20 Hz to 20 kHz No filtering
16
µVRMS
Vn
Noise output voltage
CB = 0.47 µF, f = 20 Hz to 20 kHz, No filtering
–96
dBV
ZI
Input impedance
See Table 1
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD N
Total harmonic distortion plus noise
vs Output power
1, 4–6, 9–11,
14–16,
THD+N
Total harmonic distortion plus noise
vs Frequency
2, 3, 7, 8, 12,
13
Vn
Output noise voltage
vs Bandwidth
17
Supply ripple rejection ratio
vs Frequency
18
Crosstalk
vs Frequency
19
Shutdown attenuation
vs Frequency
20
SNR
Signal-to-noise ratio
vs Frequency
21
Closed loop response
22–24
PO
Output power
vs Load resistance
25
P
Power dissipation
vs Output power
26
PD
Power dissipation
vs Ambient temperature
27



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0213_072-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA0233_072-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA0252_072.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
NCP48941.8 Watt Differential Audio Power Amplifier with Selectable Shutdown 1 2 3 4 5 MoreON Semiconductor
TLV320AIC23B_06Stereo Audio CODEC 8-to 96-kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments
TPA0211_072-W MONO AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TS4956Stereo audio amplifier system with I2C bus interface 1 2 3 4 5 MoreSTMicroelectronics
TPA0253_071-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE 1 2 3 4 5 MoreTexas Instruments
TPA302_07300-mW STEREO AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl