Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6275AG Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N6275AG
Description  1500 Watt Mosorb TM Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6275AG Datasheet(HTML) 1 Page - ON Semiconductor

  1N6275AG Datasheet HTML 1Page - ON Semiconductor 1N6275AG Datasheet HTML 2Page - ON Semiconductor 1N6275AG Datasheet HTML 3Page - ON Semiconductor 1N6275AG Datasheet HTML 4Page - ON Semiconductor 1N6275AG Datasheet HTML 5Page - ON Semiconductor 1N6275AG Datasheet HTML 6Page - ON Semiconductor 1N6275AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 8
1
Publication Order Number:
1N6267A/D
1N6267A Series
1500 Watt Mosorbt Zener
Transient Voltage
Suppressors
Unidirectional*
Mosorb devices are designed to protect voltage sensitive
components from high voltage, high−energy transients. They have
excellent clamping capability, high surge capability, low zener
i m pedance and fas t res pons e ti me. Thes e devi ces are
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
t axial leaded package and are ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/consumer applications, to protect CMOS, MOS and
Bipolar integrated circuits.
Features
Working Peak Reverse Voltage Range − 5.8 V to 214 V
Peak Power − 1500 Watts @ 1 ms
ESD Rating of Class 3 (>16 kV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 mA Above 10 V
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1 ns
Pb−Free Packages are Available
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16 in from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
AXIAL LEAD
CASE 41A
PLASTIC
A
= Assembly Location
1.5KExxxA
= ON Device Code
1N6xxxA
= JEDEC Device Code
YY
= Year
WW
= Work Week
= (See Table on Page 3)
G
= Pb−Free Package
(Note: Microdot may be in either location)
Cathode
Anode
Device
Package
Shipping
ORDERING INFORMATION
1.5KExxxA
Axial Lead
500 Units/Box
1.5KExxxARL4
Axial Lead
1500/Tape & Reel
1N6xxxA
Axial Lead
500 Units/Box
1N6xxxARL4
Axial Lead
1500/Tape & Reel
MARKING DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
1.5KE
xxxA
1N6
xxxA
YYWW
G
G
1N6xxxARL4G
Axial Lead
(Pb−Free)
1500/Tape & Reel
1N6xxxAG
500 Units/Box
Axial Lead
(Pb−Free)
1.5KExxxARL4G
1500/Tape & Reel
Axial Lead
(Pb−Free)
1.5KExxxAG
500 Units/Box
Axial Lead
(Pb−Free)


Similar Part No. - 1N6275AG

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6275A TRSYS-1N6275A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6275A DAESAN-1N6275A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6275A BILIN-1N6275A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6275A LUGUANG-1N6275A Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6275A DCCOM-1N6275A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6275AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com