Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5375BRLG Datasheet(PDF) 6 Page - ON Semiconductor

Part # 1N5375BRLG
Description  5 Watt Surmetic TM 40 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5375BRLG Datasheet(HTML) 6 Page - ON Semiconductor

  1N5375BRLG Datasheet HTML 1Page - ON Semiconductor 1N5375BRLG Datasheet HTML 2Page - ON Semiconductor 1N5375BRLG Datasheet HTML 3Page - ON Semiconductor 1N5375BRLG Datasheet HTML 4Page - ON Semiconductor 1N5375BRLG Datasheet HTML 5Page - ON Semiconductor 1N5375BRLG Datasheet HTML 6Page - ON Semiconductor 1N5375BRLG Datasheet HTML 7Page - ON Semiconductor 1N5375BRLG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N5333B Series
http://onsemi.com
6
Figure 4. Typical Thermal Response
L, Lead Length = 3/8 Inch
Figure 5. Maximum Non-Repetitive Surge Current
versus Nominal Zener Voltage
(See Note 3)
20
10
5
2
1
0.5
0.2
0.00
1
0.00
5
0.01
0.05
0.1
0.5
1
5
10
20
50
100
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.01
D = 0
NOTE: BELOW 0.1 SECOND, THERMAL
NOTE: RESPONSE CURVE IS APPLICABLE
NOTE: TO ANY LEAD LENGTH (L).
DUTY CYCLE, D = t1/t2
SINGLE PULSE D TJL = qJL(t)PPK
REPETITIVE PULSES D TJL = qJL(t, D)PPK
PPK
t1
t2
t, TIME (SECONDS)
40
20
10
4
2
1
0.1
0.2
0.4
34
68 10
20
30 40
60 80 100
200
*SQUARE WAVE
PW=100ms*
PW=1000ms*
PW=1ms*
PW=8.3ms*
NOMINAL VZ (V)
30
20
10
0.1
0.2
0.5
1
2
5
1
10
100
1000
1000
100
10
1
0.1
1
2
3
4
5678
9
10
PW, PULSE WIDTH (ms)
VZ, ZENER VOLTAGE (VOLTS)
Figure 6. Peak Surge Current versus Pulse Width
(See Note 3)
Figure 7. Zener Voltage versus Zener Current
VZ = 3.3 thru 10 Volts
VZ =200V
VZ =3.3V
PLOTTED FROM INFORMATION
GIVEN IN FIGURE 5
TC =25°C
T=25°C
VZ, ZENER VOLTAGE (VOLTS)
1000
100
10
1
0.1
10
20
30
40
50
60
70
80
T=25°C
Figure 8. Zener Voltage versus Zener Current
VZ = 11 thru 75 Volts


Similar Part No. - 1N5375BRLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5375BRL ONSEMI-1N5375BRL Datasheet
71Kb / 8P
   5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
More results

Similar Description - 1N5375BRLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B Datasheet
71Kb / 8P
   5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
1N5913B ONSEMI-1N5913B Datasheet
70Kb / 8P
   3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com