Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5947BT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1SMB5947BT3G
Description  3 Watt Plastic Surface Mount Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB5947BT3G Datasheet(HTML) 5 Page - ON Semiconductor

  1SMB5947BT3G Datasheet HTML 1Page - ON Semiconductor 1SMB5947BT3G Datasheet HTML 2Page - ON Semiconductor 1SMB5947BT3G Datasheet HTML 3Page - ON Semiconductor 1SMB5947BT3G Datasheet HTML 4Page - ON Semiconductor 1SMB5947BT3G Datasheet HTML 5Page - ON Semiconductor 1SMB5947BT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1SMB5913BT3 Series
http://onsemi.com
5
Figure 7. Effect of Zener Voltage
VZ, ZENER VOLTAGE (VOLTS)
5
7
10
20
30
50
70
100
200
100
70
50
30
20
10
7
5
3
2
10mA
IZ(dc) = 1mA
20mA
iZ(rms) = 0.1 IZ(dc)
Figure 8. Effect of Zener Current
IZ, ZENER TEST CURRENT (mA)
1k
500
200
100
50
20
10
5
2
1
0.5
1
2
5
10
20
50
100
200
500
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
VZ =150V
91V
62V
22V
12V
6.8V
Rating and Typical Characteristic Curves (TA = 25°C)
TA = 25°C
PW (ID) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp.
≤ 10 ms
PEAK VALUE
Ippm
HALF VALUE − Ipp/2
10/1000 ms WAVEFORM
AS DEFINED BY R.E.A.
td
1000
Figure 9. Capacitance Curve
Figure 10. Typical Pulse Rating Curve
BREAKDOWN VOLTAGE (VOLTS)
Figure 11. Pulse Waveform
Figure 12. Pulse Waveform
10
100
100
10
0.01
10
0.1
1
10
1
0.1
0.01
TP, PULSE WIDTH (ms)
120
100
80
60
40
0
0
1
234
t, TIME (ms)
120
0
0.1
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
VZ/2
TJ = 25°C
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, TJ = 25°C
20
5
100
80
60
40
20
0.04
0.06
0.08
8/20 ms WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801−5.
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
T = 8 ms
20 ms
0
0.02


Similar Part No. - 1SMB5947BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5947BT3G ONSEMI-1SMB5947BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5947BT3G ONSEMI-1SMB5947BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5947BT3G ONSEMI-1SMB5947BT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5947BT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
logo
Cystech Electonics Corp...
ZMM55CXXSM CYSTEKEC-ZMM55CXXSM Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com