Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401RLRA Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5401RLRA
Description  Amplifier Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5401RLRA Datasheet(HTML) 2 Page - ON Semiconductor

  2N5401RLRA Datasheet HTML 1Page - ON Semiconductor 2N5401RLRA Datasheet HTML 2Page - ON Semiconductor 2N5401RLRA Datasheet HTML 3Page - ON Semiconductor 2N5401RLRA Datasheet HTML 4Page - ON Semiconductor 2N5401RLRA Datasheet HTML 5Page - ON Semiconductor 2N5401RLRA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5400, 2N5401
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
2N5400
2N5401
V(BR)CEO
120
150
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
2N5400
2N5401
V(BR)CBO
130
160
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
2N5400
(VCB = 120 Vdc, IE = 0)
2N5401
(VCB = 100 Vdc, IE = 0, TA = 100°C)
2N5400
(VCB = 120 Vdc, IE = 0, TA = 100°C)
2N5401
ICBO
100
50
100
50
nAdc
mAdc
Emitter Cutoff Current
(VEB = 3.0 Vdc, IC = 0)
IEBO
50
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
2N5400
2N5401
(IC = 10 mAdc, VCE = 5.0 Vdc)
2N5400
2N5401
(IC = 50 mAdc, VCE = 5.0 Vdc)
2N5400
2N5401
hFE
30
50
40
60
40
50
180
240
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.2
0.5
Vdc
Base−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
1.0
1.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz)
2N5400
2N5401
fT
100
100
400
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
6.0
pF
Small−Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N5400
2N5401
hfe
30
40
200
200
Noise Figure
(IC = 250 mAdc, VCE = 5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz)
NF
8.0
dB
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - 2N5401RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5401RLRA ONSEMI-2N5401RLRA Datasheet
69Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 1
2N5401RLRAG ONSEMI-2N5401RLRAG Datasheet
69Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 1
More results

Similar Description - 2N5401RLRA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com