Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401RL1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5401RL1G
Description  Amplifier Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5401RL1G Datasheet(HTML) 4 Page - ON Semiconductor

  2N5401RL1G Datasheet HTML 1Page - ON Semiconductor 2N5401RL1G Datasheet HTML 2Page - ON Semiconductor 2N5401RL1G Datasheet HTML 3Page - ON Semiconductor 2N5401RL1G Datasheet HTML 4Page - ON Semiconductor 2N5401RL1G Datasheet HTML 5Page - ON Semiconductor 2N5401RL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5400, 2N5401
http://onsemi.com
4
Figure 4. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.7
1.0
0.2
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0
TJ = 25°C
VCE(sat) @ IC/IB = 10
2.5
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
100
TJ = 25°C
Cibo
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.5
0.3
0.1
VBE(sat) @ IC/IB = 10
0.3
3.0
30
Figure 7. Capacitances
10.2 V
Vin
10 ms
INPUT PULSE
VBB
+8.8 V
100
RB
5.1 k
0.25 mF
Vin
100
1N914
Vout
RC
VCC
−30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.3
3.0
30
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
TJ = −55°C to 135°C
qVC for VCE(sat)
qVB for VBE(sat)
Cobo
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
0.7
7.0
1000
100
200
300
500
700
10
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 8. Turn−On Time
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 1.0 V
VCC = 120 V
tr @ VCC = 30 V
tr @ VCC = 120 V
2000
100
200
300
500
700
20
30
50
70
0.2
0.5
1.0
2.0
5.0
10
20
0.3
3.0
30 50
100
200
IC, COLLECTOR CURRENT (mA)
Figure 9. Turn−Off Time
1000
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V
IC/IB = 10
TJ = 25°C


Similar Part No. - 2N5401RL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5401RL1 ONSEMI-2N5401RL1 Datasheet
69Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 1
More results

Similar Description - 2N5401RL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com