Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401RL1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5401RL1
Description  Amplifier Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5401RL1 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5401RL1 Datasheet HTML 1Page - ON Semiconductor 2N5401RL1 Datasheet HTML 2Page - ON Semiconductor 2N5401RL1 Datasheet HTML 3Page - ON Semiconductor 2N5401RL1 Datasheet HTML 4Page - ON Semiconductor 2N5401RL1 Datasheet HTML 5Page - ON Semiconductor 2N5401RL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5400, 2N5401
http://onsemi.com
3
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
30
100
150
200
0.1
0.5
2.0
3.0
10
0.2
0.3
20
1.0
5.0
TJ = 125°C
25°C
−55°C
70
50
20
30
50
100
VCE = −1.0 V
VCE = −5.0 V
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0.1
0.5
2.0
10
0.2
1.0
5.0
20
50
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.005
0.01
0.02
0.05
Figure 3. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
103
0.1
0.3
0.2
102
101
100
10−1
10−2
10−3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IC = 1.0 mA
10 mA
30 mA
100 mA
VCE = 30 V
IC = ICES
TJ = 125°C
75°C
25°C
REVERSE
FORWARD


Similar Part No. - 2N5401RL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5401RL1 ONSEMI-2N5401RL1 Datasheet
69Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 1
More results

Similar Description - 2N5401RL1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com