Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5194G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5194G
Description  Silicon PNP Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5194G Datasheet(HTML) 4 Page - ON Semiconductor

  2N5194G Datasheet HTML 1Page - ON Semiconductor 2N5194G Datasheet HTML 2Page - ON Semiconductor 2N5194G Datasheet HTML 3Page - ON Semiconductor 2N5194G Datasheet HTML 4Page - ON Semiconductor 2N5194G Datasheet HTML 5Page - ON Semiconductor 2N5194G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5194, 2N5195
http://onsemi.com
4
Figure 7. Switching Time Equivalent Test Circuit
APPROX
−11 V
TURN−ON PULSE
Vin
t1
VBE(off)
TURN−OFF PULSE
Vin
t3
t2
APPROX
−11 V
VCC
SCOPE
RB
Cjd <<Ceb
+4.0 V
t1 ≤ 7.0 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE ≈ 2.0%
Vin
RC
0
RB AND RC VARIED
TO OBTAIN DESIRED
CURRENT LEVELS
500
0.1
VR, REVERSE VOLTAGE (VOLTS)
0.2 0.3 0.5
1.0
3.0
5.0
20
40
300
200
100
70
50
TJ = 25°C
Figure 8. Capacitance
2.0
10
30
Ceb
Ccb
APPROX
+9.0 V
2.0
0.05
Figure 9. Turn−On Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.2
0.1
0.02
0.07 0.1
0.2
0.3
1.0
2.0
4.0
tr @ VCC = 30 V
IC/IB = 10
TJ = 25°C
0.03
0.5
0.05
0.07
0.7
3.0
tr @ VCC = 10 V
td @ VBE(off) = 2.0 V
2.0
0.05
Figure 10. Turn−Off Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.2
0.1
0.02
0.07 0.1
0.2
0.3
1.0
2.0
4.0
tf @ VCC = 30 V
IB1 = IB2
IC/IB = 10
ts′ = ts − 1/8 tf
TJ = 25°C
0.03
0.5
0.05
0.07
0.7
3.0
tf @ VCC = 10 V
ts
10
1.0
Figure 11. Rating and Thermal Data
Active−Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.5
0.1
2.0
5.0
10
20
50
100
SECONDARY BREAKDOWN LIMIT
THERMAL LIMIT @ TC = 25°C
BONDING WIRE LIMIT
0.2
CURVES APPLY BELOW RATED VCEO
TJ = 150°C
2N5194
dc
5.0 ms
1.0 ms
100 ms
2N5195
Note 1:
There are two limitations on the power handling ability of
a transistor; average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 11 is based on TJ(pk) = 150_C. TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high−case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.


Similar Part No. - 2N5194G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194G ONSEMI-2N5194G Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
2N5194G ONSEMI-2N5194G_13 Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
More results

Similar Description - 2N5194G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com