Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5302G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5302G
Description  High?뭁ower NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302G Datasheet(HTML) 1 Page - ON Semiconductor

  2N5302G Datasheet HTML 1Page - ON Semiconductor 2N5302G Datasheet HTML 2Page - ON Semiconductor 2N5302G Datasheet HTML 3Page - ON Semiconductor 2N5302G Datasheet HTML 4Page - ON Semiconductor 2N5302G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006− Rev. 2
1
Publication Order Number:
2N5302/D
2N5302
High−Power NPN Silicon
Transistor
High−power NPN silicon transistors are for use in power amplifier
and switching circuits applications.
Features
Low Collector−Emitter Saturation Voltage −
VCE(sat) = 0.75 Vdc (Max) @ IC = 10 Adc
Pb−Free Package is Available*
MAXIMUM RATINGS (Note 1) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Base Voltage
VCB
60
Vdc
Collector Current − Continuous (Note 2)
IC
30
Adc
Base Current
IB
7.5
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
200
1.14
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
qJC
0.875
_C/W
Thermal Resistance, Case−to−Ambient
qCA
34
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC Registered Data.
2. Pulse Test: Pulse Width = 5
ms, Duty Cycle ≤ 10%.
TC
200
0
0
20
40
60
80
100
120
140
160
180
200
Figure 1. Power Temperature Derating Curve
TEMPERATURE (
°C)
150
100
50
TC
8.0
0
6.0
4.0
2.0
TA
TA
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204AA (TO−3)
CASE 1−07
STYLE 1
30 AMPERES
POWER TRANSISTOR
NPN SILICON
60 VOLTS, 200 WATTS
MARKING DIAGRAM
2N5302 = Device Code
G
= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Origin
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
2N5302
TO−204
100 Units/Tray
2N5302G
AYYWW
MEX
2N5302G
TO−204
(Pb−Free)
100 Units/Tray


Similar Part No. - 2N5302G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - 2N5302G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
   NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com