Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5302 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5302
Description  High?뭁ower NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5302 Datasheet HTML 1Page - ON Semiconductor 2N5302 Datasheet HTML 2Page - ON Semiconductor 2N5302 Datasheet HTML 3Page - ON Semiconductor 2N5302 Datasheet HTML 4Page - ON Semiconductor 2N5302 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5302
http://onsemi.com
4
300
0.03
Figure 9. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
10
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
100
50
30
20
Figure 10. Collector Saturation Region
2.0
0.01
IB, BASE CURRENT (AMP)
0
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
1.6
1.2
0.8
0.4
IC = 2.0 A
TJ = 25°C
5.0 A
10 A
200
70
TJ = 175°C
25
°C
−55
°C
VCE = 10 V
VCE = 2.0 V
20 A
108
0
Figure 11. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
200
106
105
104
103
102
180
VCE = 30 V
IC = 2 x ICES
IC ≈ ICES
TYPICAL ICES VALUES OBTAINED
FROM FIGURE 13
107
IC = 10 x ICES
2.0
0.03
IC, COLLECTOR CURRENT (AMP)
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
1.6
0.8
0.6
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 12. “On” Voltages
1.8
1.4
1.2
1.0
0.2
VBE(on) @ VCE = 2.0 V
103
−0.4
Figure 13. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10−1
10− 2
10− 3
−0.3
−0.2 −0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
VCE = 30 V
TJ = 175°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
+2.5
0.03
Figure 14. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB for VBE(sat)
*
qVC for VCE(sat)
TJ = −55°C to +175°C
*APPLIES FOR IC/IB <
hFE @VCE + 2.0 V
2
+1.0


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
   NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com