Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5302 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5302
Description  High?뭁ower NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5302 Datasheet HTML 1Page - ON Semiconductor 2N5302 Datasheet HTML 2Page - ON Semiconductor 2N5302 Datasheet HTML 3Page - ON Semiconductor 2N5302 Datasheet HTML 4Page - ON Semiconductor 2N5302 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N5302
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 3)
Collector−Emitter Sustaining Voltage (Note 4)
(IC = 200 mAdc, IB = 0)
VCEO(sus)
60
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
ICEO
5.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc)
ICEX
1.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
10
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
1.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
*(IC = 1.0 Adc, VCE = 2.0 Vdc)
*(IC = 15 Adc, VCE = 2.0 Vdc)
*(IC = 30 Adc, VCE = 4.0 Vdc)
hFE
40
15
5.0
60
*Collector−Emitter Saturation Voltage (Note 4)
(IC = 10 Adc, IB = 1.0 Adc)
(IC = 20 Adc, IB = 2.0 Adc)2
(IC = 30 Adc, IB = 6.0 Adc)
VCE(sat)
0.75
2.0
3.0
Vdc
*Base Emitter Saturation Voltage (Note 4)
(IC = 10 Adc, IB = 1.0 Adc)
(IC = 15 Adc, IB = 1.5 Adc)
(IC = 20 Adc, IB = 2.0 Adc)
VBE(sat)
1.7
1.8
2.5
Vdc
*Base−Emitter On Voltage (Note 4)
(IC = 15 Adc, VCE = 2.0 Vdc)
(IC = 30 Adc, VCE = 4.0 Vdc)
VBE(on)
1.7
3.0
Vdc
DYNAMIC CHARACTERISTICS (Note 3)
Current−Gain − Bandwidth Product (IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
Small−Signal Current Gain (IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
40
SWITCHING CHARACTERISTICS (Note 3)
Rise Time
(VCC = 30 Vdc, IC = 10 Adc, IB1 = IB2 = 1.0 Adc)
tr
1.0
ms
Storage Time
ts
2.0
ms
Fall Time
tf
1.0
ms
3. Indicates JEDEC Registered Data.
4. Pulse Width
v 300 ms, Duty Cycle v 2.0%.
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Figure 2. Turn−On time
INPUT PULSE
tr ≤ 20 ns
PW = 10 to 100
ms
DUTY CYCLE = 2.0%
+11 V
−2.0 V
10
VCC
+30 V
3.0
TO
SCOPE
tr ≤ 20 ns
Figure 3. Turn−Off time
INPUT PULSE
tr ≤ 20 ns
PW = 10 to 100
ms
DUTY CYCLE = 2.0%
+11 V
−9.0 V
10
VCC
+30 V
3.0
TO
SCOPE
tr ≤ 20 ns
0
D
VBB = 7.0 V


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
   NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com