Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5195G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5195G
Description  Silicon PNP Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5195G Datasheet(HTML) 3 Page - ON Semiconductor

  2N5195G Datasheet HTML 1Page - ON Semiconductor 2N5195G Datasheet HTML 2Page - ON Semiconductor 2N5195G Datasheet HTML 3Page - ON Semiconductor 2N5195G Datasheet HTML 4Page - ON Semiconductor 2N5195G Datasheet HTML 5Page - ON Semiconductor 2N5195G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5194, 2N5195
http://onsemi.com
3
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
2.0
0
0.05
1.6
1.2
0.8
0.4
0.07 0.1
0.2
0.3
0.5 0.7 1.0
2.0
3.0
10
500
IC = 10 mA
5.0 7.0
20
30
50 70
100
200
300
100 mA
1.0 A
3.0 A
TJ = 25°C
2.0
0.005
IC, COLLECTOR CURRENT (AMP)
0.01 0.02 0.03 0.05
0.2 0.3
1.0
2.0
4.0
1.6
1.2
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 3. “On” Voltage
0.1
0.5
3.0
VBE @ VCE = 2.0 V
+2.5
Figure 4. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
*APPLIES FOR IC/IB ≤ hFE @ VCE
TJ = −65°C to +150°C
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB for VBE
*qVC for VCE(sat)
+1.0
0.005 0.01 0.020.03 0.05
0.2 0.3
1.0
2.0
4.0
0.1
0.5
3.0
103
+0.4
Figure 5. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10−1
10− 2
10− 3
+0.3 +0.2 +0.1
0
−0.1 −0.2 −0.3 −0.4 −0.5 −0.6
VCE = 30 Vdc
TJ = 150°C
100°C
25°C
REVERSE
FORWARD
ICES
107
20
Figure 6. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
40
60
80
100
120
140
160
106
105
104
103
102
VCE = 30 V
IC = 10 x ICES
IC = 2 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 5)


Similar Part No. - 2N5195G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5195G ONSEMI-2N5195G Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
More results

Similar Description - 2N5195G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com