Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5195 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5195
Description  Silicon PNP Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5195 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5195 Datasheet HTML 1Page - ON Semiconductor 2N5195 Datasheet HTML 2Page - ON Semiconductor 2N5195 Datasheet HTML 3Page - ON Semiconductor 2N5195 Datasheet HTML 4Page - ON Semiconductor 2N5195 Datasheet HTML 5Page - ON Semiconductor 2N5195 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N5194, 2N5195
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 0.1 Adc, IB = 0)
2N5194
2N5195
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
2N5194
(VCE = 80 Vdc, IB = 0)
2N5195
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc)
2N5194
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc)
2N5195
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5194
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5195
ICEX
0.1
0.1
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
2N5194
(VCB = 80 Vdc, IE = 0)
2N5195
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 1.5 Adc, VCE = 2.0 Vdc)
2N5194
2N5195
(IC = 4.0 Adc, VCE = 2.0 Vdc)
2N5194
2N5195
hFE
25
20
10
7.0
100
80
Collector−Emitter Saturation Voltage (Note 3)
(IC = 1.5 Adc, IB = 0.15 Adc)
(IC = 4.0 Adc, IB = 1.0 Adc)
VCE(sat)
0.6
1.4
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 1.5 Adc, VCE = 2.0 Vdc)
VBE(on)
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
2. Indicates JEDEC registered data.
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
10
0.1
0.004
7.0
5.0
1.0
0.7
0.5
0.3
0.007 0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1.0
4.0
VCE = 2.0 V
VCE = 10 V
2.0
3.0
TJ = 150°C
−55 °C
25°C
3.0
2.0
0.2


Similar Part No. - 2N5195

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
   MEDIUM POWER PNP SILICON TRANSISTOR
June 1997
logo
New Jersey Semi-Conduct...
2N5195 NJSEMI-2N5195 Datasheet
140Kb / 2P
   Silicon PNP Power Transistors
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
99Kb / 8P
   Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
logo
Central Semiconductor C...
2N5195 CENTRAL-2N5195 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
122Kb / 5P
   MEDIUM POWER PNP SILICON TRANSISTOR
More results

Similar Description - 2N5195

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com