Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2089RLRE Datasheet(PDF) 3 Page - ON Semiconductor

Part No. 2N2089RLRE
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
2N5088, 2N5089
http://onsemi.com
3
Figure 2. Effects of Frequency
f, FREQUENCY (Hz)
7.0
10
20
30
5.0
Figure 3. Effects of Collector Current
IC, COLLECTOR CURRENT (mA)
Figure 4. Noise Current
f, FREQUENCY (Hz)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (OHMS)
3.0
10
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
NOISE VOLTAGE
20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
IC = 10 mA
300 mA
30 mA
RS ≈ 0
3.0 mA
1.0 mA
7.0
10
20
30
5.0
3.0
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
RS ≈ 0
f = 10 Hz
100 Hz
1.0 kHz
10 kHz
100 kHz
IC = 10 mA
3.0 mA
1.0 mA
300 mA
100 mA
10 mA
RS ≈ 0
10
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0.1
0.2
0.3
1.0
0.7
2.0
3.0
5.0
7.0
10
20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
BANDWIDTH = 10 Hz to 15.7 kHz
IC = 1.0 mA
500 mA
100 mA
10 mA
100 Hz NOISE DATA
300
200
100
3.0
5.0
7.0
10
20
30
50
70
RS, SOURCE RESISTANCE (OHMS)
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
Figure 6. Total Noise Voltage
BANDWIDTH = 1.0 Hz
IC = 10 mA
3.0 mA
1.0 mA
300 mA
100 mA
30 mA
10 mA
10 20
50 100 200
500 1k 2k
5k 10k 20k 50k 100k
IC = 10 mA
300 mA
100 mA
30 mA
3.0 mA
1.0 mA
10 mA
BANDWIDTH = 1.0 Hz
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Noise Figure
0.5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
BD135_01NPN SILICON TRANSISTORS 1 2 3 4 STMicroelectronics
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
2N3771_06High Power NPN Silicon Power Transistors 1 2 3 4 5 ON Semiconductor
2SC1623NPN Silicon Epitaxial Transistors 1 Micro Commercial Components
2N5191_00MEDIUM POWER NPN SILICON TRANSISTORS 1 2 3 4 STMicroelectronics
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC2371NPN Silicon Power Transistors 1 Micro Commercial Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl