Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2089RLRE Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 2N2089RLRE
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
2N5088/D
2N5088, 2N5089
Amplifier Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
2N5088
2N5089
VCEO
30
25
Vdc
Collector − Base Voltage
2N5088
2N5089
VCBO
35
30
Vdc
Emitter − Base Voltage
VEBO
3.0
Vdc
Collector Current − Continuous
IC
50
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. RqJA is measured with the device soldered into a typical printed circuit board.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
x = 8 or 9
A = Assembly Location
Y = Year
WW = Work Week
G = Pb−Free Package
MARKING DIAGRAM
3 COLLECTOR
2
BASE
1 EMITTER
Device
Package
Shipping
2N5089G
2N2089RLRE
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TO−92
2000/Tape & Reel
TO−92
(Pb−Free)
5000 Units/Bulk
2N
508x
AYWW
G
G
(Note: Microdot may be in either location)
2N5088G
TO−92
(Pb−Free)
5000 Units/Bulk
2N2088RLRAG
TO−92
(Pb−Free)
2000/Tape & Reel
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 1




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BC737NPN SILICON AF MEDIUM POWER TRANSISTORS 1 2 Micro Electronics
BD135_01NPN SILICON TRANSISTORS 1 2 3 4 STMicroelectronics
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
2N6251High Voltage NPN Silicon Power Transistors 1 2 3 4 5 MoreMotorola, Inc
2N3771_06High Power NPN Silicon Power Transistors 1 2 3 4 5 ON Semiconductor
2SC1623NPN Silicon Epitaxial Transistors 1 Micro Commercial Components
2N5191_00MEDIUM POWER NPN SILICON TRANSISTORS 1 2 3 4 STMicroelectronics
2N4401_07General Purpose Transistors NPN Silicon 1 2 3 4 5 MoreON Semiconductor
2SC2371NPN Silicon Power Transistors 1 Micro Commercial Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl