Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5194 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N5194
Description  Silicon PNP Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5194 Datasheet(HTML) 5 Page - ON Semiconductor

  2N5194_06 Datasheet HTML 1Page - ON Semiconductor 2N5194_06 Datasheet HTML 2Page - ON Semiconductor 2N5194_06 Datasheet HTML 3Page - ON Semiconductor 2N5194_06 Datasheet HTML 4Page - ON Semiconductor 2N5194_06 Datasheet HTML 5Page - ON Semiconductor 2N5194_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N5194, 2N5195
http://onsemi.com
5
Figure 12. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03 0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
qJC(max) = 3.12°C/W
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
DESIGN NOTE: USE OF TRANSIENT THERMAL RESISTANCE DATA
tP
PP
PP
t1
1/f
DUTY CYCLE, D = t1 f =
t1
tP
PEAK PULSE POWER = PP
Figure 13.
A train of periodical power pulses can be represented by
the model shown in Figure 13. Using the model and the
device thermal response, the normalized effective transient
thermal resistance of Figure 12 was calculated for various
duty cycles.
To find
qJC(t), multiply the value obtained from Figure 12
by the steady state value
qJC.
Example:
The 2N5193 is dissipating 50 watts under the following
conditions: t1 = 0.1 ms, tp = 0.5 ms. (D = 0.2).
Using Figure 12, at a pulse width of 0.1 ms and D = 0.2,
the reading of r(t1, D) is 0.27.
The peak rise in junction temperature is therefore:
DT = r(t) x PP x qJC = 0.27 x 50 x 3.12 = 42.2_C


Similar Part No. - 2N5194_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194G ONSEMI-2N5194G Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
2N5194G ONSEMI-2N5194G_13 Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
More results

Similar Description - 2N5194_06

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com