Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50235GD Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL50235GD
Description  16 Channel Voice Echo Canceller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50235GD Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL50235GD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50235GD Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ZL50235
Data Sheet
10
Zarlink Semiconductor Inc.
2.0
Device Overview
The ZL50235 architecture contains 16 echo cancellers divided into 8 groups. Each group has two echo cancellers,
Echo Canceller A and Echo Canceller B. Each group can be configured in Normal, Extended Delay or Back-to-
Back configurations. In Normal configuration, a group of echo cancellers provides two channels of 64 ms echo
cancellation, which run independently on different channels. In Extended Delay configuration, a group of echo
cancellers achieves 128 ms of echo cancellation by cascading the two echo cancellers (A & B). In Back-to-Back
configuration, the two echo cancellers from the same group are positioned to cancel echo coming from both
directions in a single channel, providing full-duplex 64 ms echo cancellation.
Each echo canceller contains the following main elements (see Figure 4).
• Adaptive Filter for estimating the echo channel
• Subtractor for cancelling the echo
• Double-Talk detector for disabling the filter adaptation during periods of double-talk
• Path Change detector for fast reconvergence on major echo path changes
• Instability Detector to combat instability in very low ERL environments
• Patented Advanced Non-Linear Processor for suppression of residual echo, with comfort noise injection
• Disable Tone Detectors for detecting valid disable tones at send and receive path inputs
• Narrow-Band Detector for preventing Adaptive Filter divergence from narrow-band signals
• Offset Null filters for removing the DC component in PCM channels
• +9 to -12 dB level adjusters at all signal ports
• Parallel controller interface compatible with Motorola microcontrollers
• PCM encoder/decoder compatible with
µ/A-Law ITU-T G.711 or Sign-Magnitude coding
Each echo canceller in the ZL50235 has four functional states: Mute, Bypass, Disable Adaptation and Enable
Adaptation. These are explained in the section entitled Echo Canceller Functional States.
Figure 4 - Functional Block Diagram
Σ
Non-Linear
Processor
Offset
Null
Linear/
µ/A-Law
Microprocessor
Interface
Double - Talk
Detector
Narrow-Band
Detector
µ/A-Law/
Linear
Offset
Null
Echo Canceller (N), where 0 < N < 15
Sout
Rin
Sin
Rout
-
Programmable Bypass
(channel N)
(channel N)
(channel N)
(channel N)
MuteR
MuteS
+9 to -12 dB
Level Adjust
Linear/
µ/A-Law
+9 to -12 dB
Level Adjust
+9 to -12 dB
Level Adjust
µ/A-Law/
Linear
+9 to -12 dB
Level Adjust
Disable Tone
Detector
Disable Tone
Detector
Detector
Path Change
Instability
Detector


Similar Part No. - ZL50235GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50235GD ZARLINK-ZL50235GD Datasheet
630Kb / 39P
   16 Channel Voice Echo Canceller
ZL50235GDC ZARLINK-ZL50235GDC Datasheet
630Kb / 39P
   16 Channel Voice Echo Canceller
More results

Similar Description - ZL50235GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235 Datasheet
630Kb / 39P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com