Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50233QC Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL50233QC
Description  4 Channel Voice Echo Cancellor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50233QC Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL50233QC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50233QC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ZL50233
Data Sheet
5
Zarlink Semiconductor Inc.
DS
R11
10
Data Strobe (Input). This active low input works in conjunction
with CS to enable the read and write operations.
CS
R13
11
Chip Select (Input). This active low input is used by a
microprocessor to activate the microprocessor port.
R/W
R5
12
Read/Write (Input). This input controls the direction of the data
bus lines (D7-D0) during a microprocessor access.
DTA
R7
13
Data Transfer Acknowledgment (Open Drain Output). This
active low output indicates that a data bus transfer is completed.
A pull-up resistor (1 K typical) is required at this output.
D0..D7
T2,T4,T6,T8,T9,T11,
T13,T15
15, 16, 17,
19, 20, 21,
22, 23
Data Bus D0 - D7 (Bidirectional). These pins form the 8 bit
bidirectional data bus of the microprocessor port.
A0..A10
P16,N16,M16,L16,K16,
J16,H16,G16,F16,E16,
D16
28, 29, 30,
31, 33, 34,
35, 36, 38,
39, 40
Address A0 to A10 (Input). These inputs provide the A10 - A0
address lines to the internal registers.
ODE
B13
57
Output Drive Enable (Input). This input pin is logically AND’d
with the ODE bit-6 of the Main Control Register. When both ODE
bit and ODE input pin are high, the Rout and Sout ST-BUS
outputs are enabled.
When the ODE bit is low or the ODE input pin is low, the Rout
and Sout ST-BUS outputs are high impedance.
Sout
A8
58
Send PCM Signal Output (Output). Port 1 TDM data output
streams. Sout pin outputs serial TDM data streams at
2.048 Mbps with 4 channels per stream.
Rout
B9
59
Receive PCM Signal Output (Output). Port 2 TDM data output
streams. Rout pin outputs serial TDM data streams at
2.048 Mbps with 4 channels per stream.
Sin
B11
60
Send PCM Signal Input (Input). Port 2 TDM data input streams.
Sin pin receives serial TDM data streams at 2.048 Mbps with 4
channels per stream.
Rin
B7
61
Receive PCM Signal Input (Input). Port 1 TDM data input
streams. Rin pin receives serial TDM data streams at
2.048 Mbps with 4 channels per stream.
F0i
B5
62
Frame Pulse (Input). This input accepts and automatically
identifies frame synchronization signals formatted according to
ST-BUS or GCI interface specifications.
C4i
A4
63
Serial Clock (Input). 4.096 MHz serial clock for shifting data
in/out on the serial streams (Rin, Sin, Rout, Sout).
MCLK
G2
90
Master Clock (Input). Nominal 10 MHz or 20 MHz Master Clock
input. May be connected to an asynchronous (relative to frame
signal) clock source.
Pin Description (continued)
Pin
Name
Pin #
Description
208-Ball LBGA
100 Pin
LQFP


Similar Part No. - ZL50233QC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233QC ZARLINK-ZL50233QC Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233QCC ZARLINK-ZL50233QCC Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
More results

Similar Description - ZL50233QC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233 ZARLINK-ZL50233 Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
logo
Holtek Semiconductor In...
HT8972 HOLTEK-HT8972 Datasheet
139Kb / 13P
   Voice Echo
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
   Voice Echo
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com