Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA311D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA311D
Description  350-mW MONO AUDIO POWER AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA311D Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA311D Datasheet HTML 2Page - Texas Instruments TPA311D Datasheet HTML 3Page - Texas Instruments TPA311D Datasheet HTML 4Page - Texas Instruments TPA311D Datasheet HTML 5Page - Texas Instruments TPA311D Datasheet HTML 6Page - Texas Instruments TPA311D Datasheet HTML 7Page - Texas Instruments TPA311D Datasheet HTML 8Page - Texas Instruments TPA311D Datasheet HTML 9Page - Texas Instruments TPA311D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TPA311
350-mW MONO AUDIO POWER AMPLIFIER
SLOS207C – JANUARY 1998 – REVISED MAY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply voltage rejection ratio
vs Frequency
3, 4, 5
IDD
Supply current
vs Supply voltage
6, 7
P
Output power
vs Supply voltage
8, 9
PO
Output power
vs Load resistance
10, 11
THD N
Total harmonic distortion plus noise
vs Frequency
12, 13, 16, 17, 20,
21, 24, 25, 28, 29,
32, 33
THD + N
Total harmonic distortion plus noise
vs Output power
14, 15, 18, 19, 22,
23, 26, 27, 30, 31,
34, 35
Open loop gain and phase
vs Frequency
36, 37
Closed loop gain and phase
vs Frequency
38, 39, 40, 41
Vn
Output noise voltage
vs Frequency
42, 43
PD
Power dissipation
vs Output power
44, 45, 46, 47
Figure 3
–50
–60
–80
–100
20
100
1 k
–30
–20
f – Frequency – Hz
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
0
10 k 20 k
–10
–40
–70
–90
BYPASS = 1/2 VDD
CB = 0.1 µF
VDD = 3.3 V
RL = 8 Ω
SE
CB = 1 µF
Figure 4
–50
–60
–80
–100
20
100
1 k
–30
–20
f – Frequency – Hz
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
0
10 k 20 k
–10
–40
–70
–90
BYPASS = 1/2 VDD
CB = 0.1 µF
VDD = 5 V
RL = 8 Ω
SE
CB = 1 µF


Similar Part No. - TPA311D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA311D TI-TPA311D Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311DGN TI-TPA311DGN Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA311D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com