Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA302DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA302DG4
Description  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302DG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPA302DG4 Datasheet HTML 1Page - Texas Instruments TPA302DG4 Datasheet HTML 2Page - Texas Instruments TPA302DG4 Datasheet HTML 3Page - Texas Instruments TPA302DG4 Datasheet HTML 4Page - Texas Instruments TPA302DG4 Datasheet HTML 5Page - Texas Instruments TPA302DG4 Datasheet HTML 6Page - Texas Instruments TPA302DG4 Datasheet HTML 7Page - Texas Instruments TPA302DG4 Datasheet HTML 8Page - Texas Instruments TPA302DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
1
2
3
4
8
7
6
5
VO1
SHUTDOWN
BYPASS
IN2
IN1
GND
VDD
VO2
D PACKAGE
(TOP VIEW)
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Audio
Input
Bias
Control
6
1
5
7
VO1
VO2
VDD
2
8
3
4
IN 1
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
CB
CS
Audio
Input
CI
RI
IN 2
VDD
+
+
CC
CC
RF
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
300-mW STEREO AUDIO POWER AMPLIFIER
300-mW Stereo Output
PC Power Supply Compatibility 5-V and
3.3-V Specified Operation
Shutdown Control
Internal Midrail Generation
Thermal and Short-Circuit Protection
Surface-Mount Packaging
Functional Equivalent of the LM4880
The TPA302 is a stereo audio power amplifier capable of delivering 250 mW of continuous average power into
an 8-
Ω load at less than 0.06% THD+N from a 5-V power supply or up to 300 mW at 1% THD+N. The TPA302
has high current outputs for driving small unpowered speakers at 8
Ω or headphones at 32 Ω. For headphone
applications driving 32-
Ω loads, the TPA302 delivers 60 mW of continuous average power at less than 0.06%
THD+N. The amplifier features a shutdown function for power-sensitive applications as well as internal thermal
and short-circuit protection. The amplifier is available in an 8-pin SOIC (D) package that reduces board space
and facilitates automated assembly.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA302DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA302DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com