Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0252PWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA0252PWPR
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPA0252PWPR Datasheet HTML 1Page - Texas Instruments TPA0252PWPR Datasheet HTML 2Page - Texas Instruments TPA0252PWPR Datasheet HTML 3Page - Texas Instruments TPA0252PWPR Datasheet HTML 4Page - Texas Instruments TPA0252PWPR Datasheet HTML 5Page - Texas Instruments TPA0252PWPR Datasheet HTML 6Page - Texas Instruments TPA0252PWPR Datasheet HTML 7Page - Texas Instruments TPA0252PWPR Datasheet HTML 8Page - Texas Instruments TPA0252PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS
7
Tap to voltage divider for internal mid-supply bias generator
If a 47-nF capacitor is attached, the TPA0252 generates an internal clock. An external clock can override
CLK
6
I
the internal clock input to this terminal.
A momentary pulse on this terminal decreases the volume level by 2 dB. Holding the terminal low for a
DOWN
5
I
period of time steps the amplifier through the volume levels at a rate determined by the capacitor on the
CLK terminal.
GND
12, 24
I
Ground connection for circuitry. Connected to thermal pad
Input MUX control. When terminal is high, the LHPIN and RHPIN inputs are selected. When terminal is
HP/LINE
14
I
low, LLINEIN and RLINEIN inputs are selected.
LHPIN
19
I
Left-channel headphone input, selected when HP/LINE is held high
LIN
21
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
20
I
Left-channel line negative input, selected when HP/LINE is held low
LOUT+
23
O
Left-channel positive output in BTL mode and positive in SE mode
LOUT–
1
O
Left-channel negative output in BTL mode and high impedance in SE mode
The input for PC beep mode. PC-BEEP is enabled when a > 1.5-V (peak-to-peak) square wave is input to
PC-BEEP
10
I
PC-BEEP.
PVDD
3, 8
I
Power supply for output stage
RHPIN
17
I
Right channel headphone input, selected when HP/LINE is held high
RIN
15
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
16
I
Right-channel line input, selected when HP/LINE is held low
ROUT+
13
O
Right-channel positive output in BTL mode and positive in SE mode
ROUT–
11
O
Right-channel negative output in BTL mode and high impedance in SE mode
Input and output MUX control. When this terminal is held high SE outputs are selected. When this
SE/BTL
22
I
terminal is held low BTL outputs are selected.
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown
SHUTDOWN
2
I
mode.
A momentary pulse on this terminal increases the volume level by 2 dB. Holding the terminal low for a
UP
4
I
period of time steps the amplifier through the volume levels at a rate determined by the capacitor on the
CLK terminal.
Volume control memory supply. Connect to system auxiliary that stays active when device is powered
VAUX
9
I
down.
VDD
18
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.
Thermal Pad
Connect to ground. Must be soldered down in all applications to properly secure device on PC board.
over operating free-air temperature range (unless otherwise noted)(1)
Supply voltage, VDD
6 V
Input voltage, VI
-0.3 V to VDD +0.3 V
Continuous total power dissipation
internally limited (see Dissipation Rating Table)
Operating free-air temperature range, TA
-40
°C to 85°C
Operating junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Similar Part No. - TPA0252PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252PWPR TI1-TPA0252PWPR Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com