Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0213DGQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0213DGQ
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213DGQ Datasheet(HTML) 1 Page - Texas Instruments

  TPA0213DGQ Datasheet HTML 1Page - Texas Instruments TPA0213DGQ Datasheet HTML 2Page - Texas Instruments TPA0213DGQ Datasheet HTML 3Page - Texas Instruments TPA0213DGQ Datasheet HTML 4Page - Texas Instruments TPA0213DGQ Datasheet HTML 5Page - Texas Instruments TPA0213DGQ Datasheet HTML 6Page - Texas Instruments TPA0213DGQ Datasheet HTML 7Page - Texas Instruments TPA0213DGQ Datasheet HTML 8Page - Texas Instruments TPA0213DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Ideal for Notebook Computers, PDAs, and
Other Small Portable Audio Devices
D 2 W Into 4 Ω From 5-V Supply
D 0.6 W Into 4 Ω From 3-V Supply
D Stereo Headphone Drive
D Separate Inputs for the Mono (BTL) Signal,
and Stereo (SE) Left/Right Signals
D Wide Power Supply Compatibility 2.5 V to
5.5 V
D Low Supply Current
– 4.2 mA Typical at 5 V
– 3.6 mA Typical at 3 V
D Shutdown Control ...1 µA Typical
D Shutdown Pin Is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced MSOP
Packaging
description
The TPA0213 is a 2-W mono bridge-tied-load (BTL) amplifier designed to drive speakers with as low as 4-
impedance. The amplifier can be reconfigured on the fly to drive two stereo single-ended (SE) signals into
headphones. This makes the device ideal for use in small notebook computers, PDAs, personal digital audio
players, anywhere a mono speaker and stereo headphones are required. From a 5-V supply, the TPA0213 can
deliver 2 W of power into a 4-
Ω speaker.
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor
(AV = – RF/RI). The power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in
BTL mode. Thus, the overall gain of the amplifier is –62.5 k
Ω/RI in SE mode and –125 kΩ/RI in BTL mode.
The TPA0213 is available in the 10-pin thermally-enhanced MSOP package (DGQ) and operates over an
ambient temperature range of –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
MSOP†
(DGQ)
MSOP
SYMBOLIZATION
–40
°C to 85°C
TPA0213DGQ
AEH
† The DGQ package are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA0213DGQR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
10
9
8
7
6
MONO–IN
SHUTDOWN
VDD
BYPASS
RIN
LO/MO–
LIN
GND
ST/MN
RO/MO+
DGQ PACKAGE
(TOP VIEW)


Similar Part No. - TPA0213DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213DGQ TI-TPA0213DGQ Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0213DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com