Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5371BG Datasheet(PDF) 8 Page - ON Semiconductor

Part # 1N5371BG
Description  5 Watt Surmetic TM 40 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5371BG Datasheet(HTML) 8 Page - ON Semiconductor

  1N5371BG Datasheet HTML 1Page - ON Semiconductor 1N5371BG Datasheet HTML 2Page - ON Semiconductor 1N5371BG Datasheet HTML 3Page - ON Semiconductor 1N5371BG Datasheet HTML 4Page - ON Semiconductor 1N5371BG Datasheet HTML 5Page - ON Semiconductor 1N5371BG Datasheet HTML 6Page - ON Semiconductor 1N5371BG Datasheet HTML 7Page - ON Semiconductor 1N5371BG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1N5333B Series
http://onsemi.com
8
PACKAGE DIMENSIONS
SURMETIC 40, AXIAL LEAD
CASE 017AA−01
ISSUE O
B
D
F
K
A
F
K
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.330
0.350
8.38
8.89
B
0.130
0.145
3.30
3.68
D
0.037
0.043
0.94
1.09
F
−−−
0.050
−−−
1.27
K
1.000
1.250
25.40
31.75
NOTES:
1. CONTROLLING DIMENSION: INCH
2. LEAD DIAMETER AND FINISH NOT CONTROLLED
WITHIN DIMENSION F.
3. CATHODE BAND INDICATES POLARITY
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
1N5333B/D
SURMETIC is a trademark of Semiconductor Components Industries, LLC (SCILLC).
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - 1N5371BG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5371B NJSEMI-1N5371B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5371B MOTOROLA-1N5371B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5371B DIOTEC-1N5371B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5371B SEMIKRON-1N5371B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
New Jersey Semi-Conduct...
1N5371B NJSEMI-1N5371B Datasheet
168Kb / 1P
   DIODE
More results

Similar Description - 1N5371BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B Datasheet
71Kb / 8P
   5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
1N5913B ONSEMI-1N5913B Datasheet
70Kb / 8P
   3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com