Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0212 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0212
Description  STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0212 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0212 Datasheet HTML 1Page - Texas Instruments TPA0212 Datasheet HTML 2Page - Texas Instruments TPA0212 Datasheet HTML 3Page - Texas Instruments TPA0212 Datasheet HTML 4Page - Texas Instruments TPA0212 Datasheet HTML 5Page - Texas Instruments TPA0212 Datasheet HTML 6Page - Texas Instruments TPA0212 Datasheet HTML 7Page - Texas Instruments TPA0212 Datasheet HTML 8Page - Texas Instruments TPA0212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PWP PACKAGE
(TOP VIEW)
GND
GAIN0
GAIN1
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT–
LIN
BYPASS
GND
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
VDD
PVDD
HP/LINE
ROUT–
SE/BTL
PC-BEEP
GND
DESCRIPTION
TPA0212
SLOS284B – NOVEMBER 1999 – REVISED NOVEMBER 2004
STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR
SELECTABLE GAIN SETTINGS AND MUX CONTROL
Compatible With PC 99 Desktop Line-Out Into
10-k
Ω Load
Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
2.6-W/Ch Output Power Into 3-
Ω Load
Input MUX Select Terminal
PC-Beep Input
Depop Circuitry
Stereo Input MUX
Fully Differential Input
Low Supply Current and Shutdown Current
Surface-Mount Power Packaging 24-Pin
TSSOP PowerPAD™
The TPA0212 is a stereo audio power amplifier in a 24-pin TSSOP thermally enhanced package capable of
delivering 2.6 W of continuous RMS power per channel into 3-
Ω loads. This device minimizes the number of
external components needed, simplifying the design, and freeing up board space for other features. When driving
1 W into 8-
Ω speakers, the TPA0212 has less than 0.65% THD+N across its specified frequency range.
Included within this device is integrated depop circuitry that virtually eliminates transients that cause noise in the
speakers.
Amplifier gain is internally configured and controlled by way of two terminals (GAIN0 and GAIN1). BTL gain
settings of 2, 6, 12, and 24 V/V are provided, while SE gain is always configured as 1 V/V for headphone drive.
An internal input MUX allows two sets of stereo inputs to the amplifier. The HP/LINE terminal allows the user to
select which MUX input is active regardless of whether the amplifier is in SE or BTL mode. In notebook
applications, where internal speakers are driven as BTL and the line outputs (often headphone drive) are
required to be SE, the TPA0212 automatically switches into SE mode when the SE/BTL input is activated, and
this reduces the gain to 1 V/V.
The TPA0212 consumes only 6 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to 150 µA.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only in
TO-220-type packages. Thermal impedances of approximately 35
°C/W are readily realized in multilayer PCB
applications. This allows the TPA0212 to operate at full power into 8-
Ω loads at an ambient temperature of 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP (PWP)(1)
-40
°C to 85°C
TPA0212PWP
(1)
The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R
to the part number (e.g., TPA0212PWPR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA0212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212PWP TI-TPA0212PWP Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - TPA0212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com