Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0211DGN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0211DGN
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0211DGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA0211DGN Datasheet HTML 2Page - Texas Instruments TPA0211DGN Datasheet HTML 3Page - Texas Instruments TPA0211DGN Datasheet HTML 4Page - Texas Instruments TPA0211DGN Datasheet HTML 5Page - Texas Instruments TPA0211DGN Datasheet HTML 6Page - Texas Instruments TPA0211DGN Datasheet HTML 7Page - Texas Instruments TPA0211DGN Datasheet HTML 8Page - Texas Instruments TPA0211DGN Datasheet HTML 9Page - Texas Instruments TPA0211DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
0
100
200
300
400
500
3
3.5
4
4.5
5
5.5
RL = 8 Ω
RL = 32 Ω
THD+N = 1%,
f = 1 kHz,
Mode = SE,
AV = 2 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
Figure 6
0
0.5
1.5
2
2.5
0
10
20
3040
5060
OUTPUT POWER
vs
LOAD RESISTANCE
RL – Load Resistance – Ω
VDD = 5 V
VDD = 3 V
1
THD+N = 1%,
f = 1 kHz,
Mode = BTL,
AV = 8 dB
Figure 7
0
200
300
400
500
600
700
010
20
30
40
50
60
OUTPUT POWER
vs
LOAD RESISTANCE
RL – Load Resistance – Ω
VDD = 5 V
100
THD+N = 1%,
f = 1 kHz,
Mode = SE,
AV = 2 dB
VDD = 3 V


Similar Part No. - TPA0211DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211DGN TI-TPA0211DGN Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI1-TPA0211DGN Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI1-TPA0211DGNG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNR TI1-TPA0211DGNR Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com