Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STRH40N25FSY1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STRH40N25FSY1
Description  N-channel 250V - 0.084ohm - TO-254AA Rad-hard low gate charge STripFET TM Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH40N25FSY1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STRH40N25FSY1 Datasheet HTML 5Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 6Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 7Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 8Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 9Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 10Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 11Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 12Page - STMicroelectronics STRH40N25FSY1 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STRH40N25FSY3
Electrical characteristics
9/13
Figure 9.
Normalized gate threshold voltage
vs. temperature
Figure 10.
Normalized on resistance vs.
temperature
Figure 11.
Source drain-diode forward
characteristics


Similar Part No. - STRH40N25FSY1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
More results

Similar Description - STRH40N25FSY1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH50P6FSY1 STMICROELECTRONICS-STRH50P6FSY1 Datasheet
244Kb / 13P
   P-channel 60V - 0.047廓 - TO-254AA Rad-hard low gate charge STripFET??Power MOSFET
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
   N-channel 250V - 0.055廓 - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
   N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
logo
Intersil Corporation
JANSR2N7397 INTERSIL-JANSR2N7397 Datasheet
44Kb / 8P
   4A, 250V, 0.610 Ohm, Rad Hard, N-Channel Power MOSFET
logo
STMicroelectronics
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
   N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com