Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP809EK-4-4 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP809EK-4-4
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809EK-4-4 Datasheet(HTML) 8 Page - Sipex Corporation

  SP809EK-4-4 Datasheet HTML 1Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 2Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 3Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 4Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 5Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 6Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 7Page - Sipex Corporation SP809EK-4-4 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 2,500 for SOT-23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP810EK-2-3/TR = standard; SP810EK-L-2-3/TR = lead free
Part Number
Top Mark
Temperature Range
Package Type
SP810EK-2-3 ......................... D5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-2-3/TR ................... D5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-2-6 ......................... E5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-2-6/TR ................... E5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-2-9 ......................... F5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-2-9/TR ................... F5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-3-1 ......................... G5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-3-1/TR ................... G5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-0 ......................... H5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-0/TR ................... H5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-4 ......................... J5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-4/TR ................... J5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-6 ......................... K5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP810EK-4-6/TR ................... K5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Solved By Sipex
TM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - SP809EK-4-4

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-3TR EXAR-SP809EK-L-2-3TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-6TR EXAR-SP809EK-L-2-6TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-9TR EXAR-SP809EK-L-2-9TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-L-3-1TR EXAR-SP809EK-L-3-1TR Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP809EK-4-4

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com