Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA1965 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RMPA1965
Description  US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA1965 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  RMPA1965_06 Datasheet HTML 1Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 2Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 3Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 4Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 5Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 6Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 7Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 8Page - Fairchild Semiconductor RMPA1965_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
RMPA1965 Rev. J
Package Outline
Signal Descriptions
Pin No.
Symbol
Description
1
Vcc1
Supply Voltage to Input Stage
2
RF In
RF Input Signal
3
Vmode
High-Power/Low-Power Mode Control
4
Vref
Reference Voltage
5
GND
Ground
6
GND
Ground
7
RF Out
RF Output Signal
8
Vcc2
Supply Voltage to Output Stage
Z
1965
XYTT
TOP VIEW
FRONT VIEW
BOTTOM VIEW
I/O 1 INDICATOR
1
2
3
3.00
1.10mm MAX.
4X R.25mm
2.60mm
0.20mm
0.40mm
0.40mm
0.40mm
0.10mm
0.10mm
DETAIL A
TYP.
BACK SIDE SOLDER MASK
SEE DETAIL A
1.00mm
1.00mm
mm SQ.
+.100
–.050
4
4
3
2
2
1
1
5
6
7
8
8
7
6
5
9


Similar Part No. - RMPA1965_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
More results

Similar Description - RMPA1965_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1959 FAIRCHILD-RMPA1959 Datasheet
562Kb / 11P
   PCS 3.4V CDMA & CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1967 FAIRCHILD-RMPA1967 Datasheet
124Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WDCMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967_06 Datasheet
548Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edg TM Power Amplifier Module
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com