Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST55LD019C-45-I-TQWE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST55LD019C-45-I-TQWE
Description  ATA Flash Disk Controller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019C-45-I-TQWE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST55LD019C-45-I-TQWE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST55LD019C-45-I-TQWE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
11
WP_PD#
62
D2
F9
I
I1U
The WP_PD# pin can be used for either the Write Protect
mode or Power-down mode, but only one mode is active at any
time. The Write Protect or Power-down modes can be selected
through the host command. The Write Protect mode is the fac-
tory default setting.
Flash Media Interface
FWP#
97
H7
B4
O
O5
Active Low Flash Media Chip Write Protect
Connect this pin to the NAND flash media Write Protect pin
FRDYbsy#
82
J3
A8
I
I4U
Flash Media Chip Ready/Busy#
Signal high is flash media ready signal. Low is busy.
FRE#
84
H3
B7
OO5
Active Low Flash Media Chip Read
FWE#
96
J7
A4
Active Low Flash Media Chip Write
FCLE
92
K6
C6
Active High Flash Media Chip Command Latch Enable
FALE
94
H6
B5
Active High Flash Media Chip Address Latch Enable
FAD15
46
A3
K8
I/O
I3U/O5
Flash Media Chip High Byte Address/Data Bus pins
FAD14
44
B4
K7
FAD13
42
C5
H6
FAD12
40
A5
J5
FAD11
35
C7
H5
FAD10
33
A7
K3
FAD9
31
B8
J3
FAD8
29
B9
J2
FAD7
45
C4
J7
I/O
I3U/O5
Flash Media Chip Low Byte Address/Data Bus pins
FAD6
43
A4
J6
FAD5
41
B5
K6
FAD4
39
C6
K5
FAD3
34
B7
J4
FAD2
32
C8
H4
FAD1
30
A8
K2
FAD0
28
A9
H3
FCE6#
91
H5
B6
O
O4
Active Low Flash Media Chip Enable pin
FCE5#
95
K7
C5
FCE4#
93
J6
A5
FCE3#
89
J5
A6
FCE2#
88
H4
C7
FCE1#
80
K3
B8
FCE0#
86
J4
A7
FCE7#/
INTCLKEN
26
C9
J1
O
I3D/O4
Active Low Flash Media Chip Enable pin
This pin is sensed during the Power-on Reset (POR) to select
an internal clock mode. If this pin is pulled up during the
Power-on Reset then the internal clock is selected.
TABLE
3-1: Pin Assignments (Continued) (2 of 4)
Symbol
Pin No.
Pin
Type
I/O
Type1
Name and Functions
100-TQFP
85-
VFBGA
84-
TFBGA


Similar Part No. - SST55LD019C-45-I-TQWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-BWE SST-SST55LD019M-45-C-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-MVWE SST-SST55LD019M-45-C-MVWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-TQWE SST-SST55LD019M-45-C-TQWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-I-BWE SST-SST55LD019M-45-I-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results

Similar Description - SST55LD019C-45-I-TQWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
   USB2.0 Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com