Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5952BRL Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1N5952BRL
Description  3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5952BRL Datasheet(HTML) 5 Page - ON Semiconductor

  1N5952BRL Datasheet HTML 1Page - ON Semiconductor 1N5952BRL Datasheet HTML 2Page - ON Semiconductor 1N5952BRL Datasheet HTML 3Page - ON Semiconductor 1N5952BRL Datasheet HTML 4Page - ON Semiconductor 1N5952BRL Datasheet HTML 5Page - ON Semiconductor 1N5952BRL Datasheet HTML 6Page - ON Semiconductor 1N5952BRL Datasheet HTML 7Page - ON Semiconductor 1N5952BRL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1N5913B Series
http://onsemi.com
5
APPLICATION NOTE
Since the actual voltage available from a given zener
diode is temperature dependent, it is necessary to determine
junction temperature under any set of operating conditions
in order to calculate its value. The following procedure is
recommended:
Lead Temperature, TL, should be determined from:
TL = qLA PD + TA
qLA is the lead-to-ambient thermal resistance (°C/W) and
PD is the power dissipation. The value for qLA will vary and
depends on the device mounting method.
qLA is generally
30−40
°C/W for the various clips and tie points in common
use and for printed circuit board wiring.
The temperature of the lead can also be measured using a
thermocouple placed on the lead as close as possible to the
tie point. The thermal mass connected to the tie point is
normally large enough so that it will not significantly
respond to heat surges generated in the diode as a result of
pulsed operation once steady-state conditions are achieved.
Using the measured value of TL, the junction temperature
may be determined by:
TJ = TL + DTJL
DTJL is the increase in junction temperature above the lead
temperature and may be found from Figure 2 for a train of
power pulses (L = 3/8 inch) or from Figure 10 for dc power.
DTJL = qJL PD
For worst-case design, using expected limits of IZ, limits
of PD and the extremes of TJ (DTJ) may be estimated.
Changes in voltage, VZ, can then be found from:
DV = qVZ DTJ
qVZ, the zener voltage temperature coefficient, is found
from Figures 5 and 6.
Under high power-pulse operation, the zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current
excursions as low as possible.
Data of Figure 2 should not be used to compute surge
capability. Surge limitations are given in Figure 3. They are
lower than would be expected by considering only junction
temperature, as current crowding effects cause temperatures
to be extremely high in small spots resulting in device
degradation should the limits of Figure 3 be exceeded.


Similar Part No. - 1N5952BRL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5952B PANJIT-1N5952B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Central Semiconductor C...
1N5952B CENTRAL-1N5952B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Transys Electronics
1N5952B TRSYS-1N5952B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5952B NJSEMI-1N5952B Datasheet
79Kb / 1P
   REF / REG DIODE, 1W
logo
Jinan Gude Electronic D...
1N5952B JGD-1N5952B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5952BRL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
   3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com