Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST55LD019B-45-C-MVWE Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST55LD019B-45-C-MVWE
Description  ATA Flash Disk Controller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019B-45-C-MVWE Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST55LD019B-45-C-MVWE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST55LD019B-45-C-MVWE Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
10
Data Sheet
ATA Flash Disk Controller
SST55LD019A / SST55LD019B / SST55LD019C
©2006 Silicon Storage Technology, Inc.
S71241-04-000
12/06
TABLE
3-1: Pin Assignments (1 of 4)
Symbol
Pin No.
Pin
Type
I/O
Type1
Name and Functions
100-TQFP
85-
VFBGA
84-
TFBGA
Host Side Interface
A2
53
B2
J8
I
I1Z
A[2:0] are used to select one of eight registers in the Task File.
A1
22
D9
G3
A0
23
D8
H1
D15
65
D3
F8
I/O
I1Z/O2
D[15:0] Data bus
D14
66
E2
E10
D13
67
E3
E9
D12
68
F2
E8
D11
70
F3
D10
D10
71
G1
D9
D9
72
G2
C10
D8
73
G3
D8
D7
3
J9
C3
D6
4
H10
C4
D5
5
H9
B2
D4
6
H8
D4
D3
8
G9
C2
D2
9
G8
D3
D1
10
F10
C1
D0
11
F9
D2
DMACK
20
E8
G2
I
I2U
DMA Acknowledge - input from host
DMARQ
14
F8
E3
O
O1
DMA Request to host
CS1FX#
24
C10
H2
II2Z
CS1FX# is the chip select for the task file registers
CS3FX#
52
B1
K9
CS3FX# is used to select the alternate status register and the
Device Control register.
CSEL
56
C3
J10
I
I1U
This internally pulled-up signal is used to configure this device
as a Master or a Slave. When this pin is grounded, this device
is configured as a Master. When the pin is open, this device is
configured as a Slave. The pin setting should remain the same
from Power-on to Power-down.
IORD#
19
E9
F1
II2Z
This is an I/O Read strobe generated by the host. This signal
gates I/O data onto the bus from the chip.
IOWR#
57
D1
H9
The I/O Write strobe pulse is used to clock I/O data into the
chip.
IOCS16#
55
C2
H8
O
O2
This output signal is asserted low when the device is indicating
a word data transfer cycle.
INTRQ
21
D10
G1
O
O1
This signal is the active high Interrupt Request to the host.
PDIAG#
54
C1
J9
I/O
I1U/O1
The Pass Diagnostic signal in the Master/Slave handshake
protocol.
DASP#
75
H2
B10
I/O
I1U/O6
The Drive Active/Slave Present signal in the Master/Slave
handshake protocol.
RESET#
1
K10
A2
I
I2U
This input pin is the active low hardware reset from the host.


Similar Part No. - SST55LD019B-45-C-MVWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-BWE SST-SST55LD019M-45-C-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-MVWE SST-SST55LD019M-45-C-MVWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-C-TQWE SST-SST55LD019M-45-C-TQWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
SST55LD019M-45-I-BWE SST-SST55LD019M-45-I-BWE Datasheet
944Kb / 59P
   ATA Flash Disk Controller
More results

Similar Description - SST55LD019B-45-C-MVWE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
SONiX Technology Compan...
SN20086APF SONIX-SN20086APF Datasheet
159Kb / 15P
   USB2.0 Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
AU6386 ETC2-AU6386 Datasheet
415Kb / 19P
   USB2.0 Flash Disk Controller
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU6389 ETC2-AU6389 Datasheet
440Kb / 19P
   USB2.0 Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com